Electronic Components Datasheet Search
  English  ▼

X  

BM8563 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BM8563
Description  High precision, low power consumption I2C interface real-time clock/calendar
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BM8563 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BM8563 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BM8563 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BM8563 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BM8563 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BM8563 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BM8563 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BM8563 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BM8563 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BM8563 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
I
2
C 实时时钟/日历
BM8563
www.belling.com.cn
- 3 -
直流电特性(如无特别说明,V
DD=1.8~5.5V,VSS=0V;TA=-40~+85℃;fosc=32.768kHz)
参数
符号
测试条件
最小值
典型值
最大值
单位
电源
工作电压
VDD
I
2C 总线失效,T
A= 25℃
[1]
1.5
-
5.5
V
I
2C 总线有效,f=400kHz[1]
1.8
-
5.5
V
提供可靠的时钟/日历数
据时的工作电压
TA=25℃
Vlow
-
5.5
V
工作电流 1
CLKOUT 有效(FE=1)
IDD1
fSCL=400kHz
-
-
800
µA
fSCL=100kHz
-
-
200
µA
工作电流 2
CLKOUT 禁止
(FE=0)
IDD2
fSCL=0Hz,TA= 25℃
[2]
VDD=5.0V
-
550
800
nA
VDD=3.0V
-
250
650
nA
VDD=2.0V
-
200
500
nA
fSCL=0Hz,TA= -40~+85℃
[2]
VDD=5.0V
-
700
950
nA
VDD=3.0V
-
600
900
nA
VDD=2.0V
-
550
850
nA
工作电流 3
CLKOUT=32.768kHz
IDD3
fSCL=0Hz,TA= 25℃
[2]
VDD=5.0V
-
900
1600
nA
VDD=3.0V
-
650
1000
nA
VDD=2.0V
-
525
800
nA
fSCL=0Hz,TA= -40~+85℃
[2]
VDD=5.0V
-
1200
1800
nA
VDD=3.0V
-
950
1200
nA
VDD=2.0V
-
750
900
nA
输入
低电平输入电压
VIL
VSS
-
0.3VDD
V
高电平输入电压
VIH
0.7VDD
-
VDD
V
输入漏电流
ILI
VI=VDD 或 VSS
-1
0
+1
µA
输入电容
CI
[3]
-
-
7
pF
输出
SDA 低电平输出电流
IOLS
VOL=0.4V,VDD=5.0V
-3
-
-
mA
低电平输出电流
IOLI
VOL=0.4V,VDD=5.0V
-1
-
-
mA
CLKOUT 低电平输出电流
IOLC
VOL=0.4V,VDD=5.0V
-1
-
-
mA
CLKOUT 高电平输出电流
IOHC
VOL=4.6V,VDD=5.0V
1
-
-
mA
输出漏电流
ILO
VO=VDD 或 VSS
-1
0
+1
µA
注释 1:加电时振荡器可靠起动:V
DD(最小值,加电时)= VDD(最小值)+0.3V。
注释 2:定时器源时钟=1/60Hz;SCL 和 SDA 都为 V
DD。
注释 3:在样品基础上测试。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com