Electronic Components Datasheet Search
  English  ▼

X  

TOP245P Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TOP245P Datasheet HTML 1Page - Power Integrations, Inc. TOP245P Datasheet HTML 2Page - Power Integrations, Inc. TOP245P Datasheet HTML 3Page - Power Integrations, Inc. TOP245P Datasheet HTML 4Page - Power Integrations, Inc. TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 4 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
85
280
VAC
Frequency
fLINE
47
50/60
64
Hz
No-load Input Power (230 VAC)
N/A
W
Output
Output Voltage 1
VOUT1
3.3
3.4
3.5
V
Output Ripple Voltage 1
VRIPPLE1
50
mV
20 MHz Bandwidth
Output Current 1
IOUT1
2.55
A
Output Voltage 2
VOUT2
4.85
5.1
5.25
V
Output Ripple Voltage 2
VRIPPLE2
50
mV
20 MHz Bandwidth
Output Current 2
IOUT2
1.5
A
Output Voltage 3
VOUT3
4.94
5.1
5.46
V
Standby Output
Output Ripple Voltage 3
VRIPPLE3
100
mV
20 MHz Bandwidth
Output Current 3
IOUT3
.08
0.85
A
Output Voltage 4
VOUT4
10.8
12.0
12.8
V
Output Ripple Voltage 4
VRIPPLE4
100
mV
20 MHz Bandwidth
Output Current 4
IOUT4
0
2.8
A
Output Voltage 5
VOUT5
11.4
12.0
12.8
V
Standby Output
Output Ripple Voltage 5
VRIPPLE5
100
mV
20 MHz Bandwidth
Output Current 5
IOUT5
0.14
0.4
A
Output Voltage 6
VOUT6
-5.5
-5.3
-5.0
V
Output Ripple Voltage 6
VRIPPLE6
50
mV
20 MHz Bandwidth
Output Current 6
IOUT6
0
0.3
A
Output Voltage 7
VOUT7
-5.5
-5.3
-5.0
V
Standby Output
Output Ripple Voltage 7
VRIPPLE7
200
mV
20 MHz Bandwidth
Output Current 7
IOUT7
0
0.02
A
Output Voltage 8
VOUT8
30
33
35
V
Standby Output
Output Ripple Voltage 8
VRIPPLE8
50
mV
20 MHz Bandwidth
Output Current 8
IOUT8
0.001
0.002
A
Output Voltage 8
VOUT8
-28
-22
-18
V
Standby Output
Output Ripple Voltage 8
VRIPPLE8
50
mV
20 MHz Bandwidth
Output Current 8
IOUT8
0.010
A
Output Voltage 8
VOUT8
3.15
3.5
3.85
V
Filament Power Floating
Winding
Output Ripple Voltage 8
VRIPPLE8
50
mV
20 MHz Bandwidth
Output Current 8
IOUT8
0.165
A
Total Output Power
Continuous Output Power
POUT
17
W
Peak Output Power
POUT_PEAK
25
W
Efficiency
η
74
%
Measured at POUT (17 W),
25
oC
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950,
UL1950 Class II
Ambient Temperature
TAMB
25
oC
Free convection, sea level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com