Electronic Components Datasheet Search
  English  ▼

X  

TOP245P Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 4Page - Power Integrations, Inc. TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 8 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
4
Bill Of Materials
Item
Number
Qty.
Part Reference Value
Description
1
1
C1
22uF/400V
2
1
C2
22uF/400V
3
1
C3
1nF/1KV
4
1
C4
100nF
Cap,Cer, 0.10 uF, 50V, Z5U, 20%
5
1
C5
47uF
Cap,Al Elect,47uF,16V,5mmX11.5mm,LXZ
Series,NIPPON CHEMI-CON
6
1
C6
47uF
Cap,Al Elect,47uF,16V,5mmX11.5mm,LXZ
Series,NIPPON CHEMI-CON
7
1
C7
100uF
Cap,Al Elect,100uF,50V,8mmX12mm,LXZ
Series,NIPPON CHEMI-CON
8
4
C8 C11 C15
C23
1uF
CAP 1uF 25V CERM CHIP X7R 0805 SMD
9
3
C9 C25 C30
10uF
Cap,Al Elect,12uF,50V,5mmX11.5mm,LXZ
Series,NIPPON CHEMI-CON
10
4
C10 C14 C18
C19
1000uF
Cap,Al
Elect,1000uF,16V,10mmX20mm,LXZ
Series,NIPPON CHEMI-CON
11
3
C12 C17 C20
100uF
Cap,Al Elect,100uF,50V,8mmX11.5mm,KZE
Series,NIPPON CHEMI-CON
12
8
C13 C16 C22
C24 C24a C27
CX CY*
22uF
Cap,Al Elect,22uF,50V,5mmX11mm,KZE
Series,NIPPON CHEMI-CON
13
1
C21
220uF
Cap,Al Elect,220uF,16V,6.3mmX11mm,LXZ
Series,NIPPON CHEMI-CON
14
1
C26
220uF
Cap,Al Elect,220uF,10V,6.3mmX11mm,KZE
Series,NIPPON CHEMI-CON
15
1
C28
100nF
CAP 0.1uF 50V CERM CHIP X7R 0805
SMD
16
1
C29
22uF
Cap,Al Elect,22uF,50V,5mmX11.5mm,LXZ
Series,NIPPON CHEMI-CON
16a
2
C31, C32
470pf
Cap,Cer, 470pF, 1kV, Z5U, 20%
17
4
D1 D2 D3 D4
1N4005
Rectifier GPP 600V 1A DO-41
18
1
D5
1N4007GP
Rectifier GPP 1000V 1A DO-41
19
1
D6
BAV20
20
1
D7
BAV21
Diode Fast Switch 250V 500MW DO35
21
1
D8
UF5402
Rectifier Ultrafast 200V, 1A, D0-201AD
22
3
D9 D10 D11
DL4148
RECT,DL4148, PASSIVATED 500mW SMD
MELF
23
1
D12
SB340CT
Rectifier Schottky 3A 40V DO-201AD
23a
1
D13
SB530CT
Rectifier Schottky 5A 30V DO-201AD
24
1
D14
UF4001
Rectifier Ultrafast 50V, 1A, D0-41
25
1
D15
1N4935
Rectifier Fast Rec 200V 1A DO-41
26
1
D16
1N5819
Rectifier Schottky 1A 40V DO-41
27
1
F1
2A
FUSE T-LAG 2A,250V Slo-Blo IEC SHORT
TR5
28
2
J1 J2
TERM_1Pin
Terminal,1Pin,18AWG
29
1
J6
CON10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com