Electronic Components Datasheet Search
  English  ▼

X  

TOP245P Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. TOP245P Datasheet HTML 10Page - Power Integrations, Inc. TOP245P Datasheet HTML 11Page - Power Integrations, Inc. TOP245P Datasheet HTML 12Page - Power Integrations, Inc. TOP245P Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DER-18
DVD Recorder Supply – TOP245P
March 30, 2004
Page 9 of 35
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
30
1
J7
CON12
31
1
J8
CON4
32
1
J9
CON4
33
1
L1
10mH / 0.8A
34
3
L2 L3 L4
3.3uH
Inductor,3.3uH,2.66A
35
2
L6 L8
F.B.
Bead,Ferrite,2.0 uH,Axial
36
1
L9
680uH
COIL 680.uH MOLDED SHIELDED
37
1
Q1
Si2302ADS
38
1
Q2
Si2302ADS
39
1
Q3
MMST3906-7 TRANSISTOR,2N3906, PNP 40V SOT-323
40
1
Q4
Si2312DS
41
1
Q5
Si2312DS
42
1
Q6
MMBT3904
43
1
R1
200k
Res, 200K, 1/4W, 5%, Carbon Film
44
1
R2
100R
Res, 100, 1/4W, 5%, Carbon Film
45
1
R3
2M2
Res, 2.2M, 1/2W, 5%, Carbon Film
46
1
R4
6R8
Res, 6.8, 1/4W, 5%, Carbon Film
47
1
R5
220R
Res, 220, 1/4W, 5%, Carbon Film
48
1
R6
47R
Res, 47, 1/4W, 5%, Carbon Film
49
2
R7 R21
10k
Res,10K 1/10W 1% 0805 SMD
50
1
R8
3M3
Res, 3.3M, 1/4W, 5%, Carbon Film
51
3
R9 R10 R15
2M2
Res,2.2M 1/8W 5% 1206 SMD
52
1
R11
220
Res, 220R, 1/4W, 5%, Carbon Film
53
1
R12
180R
Res, 180, 1/4W, 5%, Carbon Film
54
1
R13
2M2
Res, 2.2M, 1/4W, 5%, Carbon Film
55
2
R14 R23
10k
Res, 10K, 1/4W, 5%, Carbon Film
56
1
R16
11k
Res, 11K, 1/4W, 5%, Carbon Film
57
1
R18
1R
Res, 1 ,1/4W, 5%, Metal Film
58
1
R19
0
Res,XXX 1/10W 1% 0805 SMD
59
1
R20
1k2
Res,1.2K 1/10W 5% 0805 SMD
60
1
R22
22k
Res, 22K, 1/4W, 5%, Carbon Film
61
1
R24
4k7
Res, 4.7K, 1/4W, 5%, Carbon Film
62
1
R25
10k
Res, 10K, 1/8W, 5%, Carbon Film
63
1
R26
3k0
Res, 3.0K, 1/4W, 5%, Carbon Film
63a
R27
1K0
Res, 1.0K, 1/4W, 5%, Carbon Film
64
1
R28
750R
Res, 750, 1/2W, 5%, Carbon Film
65
1
R29
10R
Res, 10, 1/4W, 5%, Carbon Film
66
1
R30
1M0
Res,1.0M 1/10W 5% 0805 SMD
66a
1
R31
4R7
Res, 4R7, 1/8W, 5%, Carbon Film
66b
1
R32
20R
Res, 20R, 1/8W, 5%, Carbon Film
67
1
T1
EER28L
Custom (See Spec)
68
1
U1
TOP245P
TOPSwitch
69
1
U2
PC817X1
IC,PC817A1,PHOTOCOUPLER TRAN OUT
CTR 80-160% 4-DIP
70
1
U3
TL431
Shunt regulator 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com