Electronic Components Datasheet Search
  English  ▼

X  

ES277 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES277
Description  4000 Counts DMM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES277 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES277 Datasheet HTML 6Page - Cyrustek corporation ES277 Datasheet HTML 7Page - Cyrustek corporation ES277 Datasheet HTML 8Page - Cyrustek corporation ES277 Datasheet HTML 9Page - Cyrustek corporation ES277 Datasheet HTML 10Page - Cyrustek corporation ES277 Datasheet HTML 11Page - Cyrustek corporation ES277 Datasheet HTML 12Page - Cyrustek corporation ES277 Datasheet HTML 13Page - Cyrustek corporation ES277 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
V 1.1 
10 
2016/08/16 
ES277
4000 Counts DMM
1.6.
Continuity Check
Continuity check shares the same configuration with 400.0Ω manual resistance measurement
mode and has buzzer output to indicate continuity. The buzzer generates 2KHz beep and ALARM
(pin 38) drive high output (V+ level) whenever the reading is less than 30Ω. The ES277 is built in a
high speed short detection circuit and the detection period could be less than 10ms.
1.7.
Diode Measurement
Diode measurement mode shares the same configuration with 4.000V manual voltage measurement
mode and has buzzer output to indicate continuity. The buzzer generates a 2KHz sound and ALARM
(pin 38) drive high output (V+ level) whenever the reading is less than 30mV. The source output
voltage is the same as V+ terminal. If the test circuit is open or the voltage drop between the two
ports of the diode under test is larger than 2V or 2.8V (depends on DIOV pin level), the LCD panel
will show “OL”.
DIOV
DGND/Floating
V-
OL
2.000V
2.800V
1.8.
Frequency Counter
The time base of the frequency counter is derived from an external crystal oscillator by
Tcounter =
4,000,000
Fosc
Where Fosc is the frequency of the crystal oscillator. Thus, the counter has a 1-second time base
when a 4MHz oscillator is used. The frequency counter can select the proper range automatically or
manually. Auto-range operation extends over six decades, from 400.0Hz to 40.00MHz. The following
table summarizes the Full-Scale range of the frequency counter.
Range
Full Scale
FR1
400.0Hz
FR2
4.000KHz
FR3
40.00KHz
FR4
400.0KHz
FR5
4.000MHz
FR6
40.00MHz
*If input frequency is less than 1.0Hz, ES277 will show 0.0Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com