Electronic Components Datasheet Search
  English  ▼

X  

ES277 Datasheet(PDF) 13 Page - Cyrustek corporation

Part # ES277
Description  4000 Counts DMM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES277 Datasheet(HTML) 13 Page - Cyrustek corporation

Back Button ES277 Datasheet HTML 9Page - Cyrustek corporation ES277 Datasheet HTML 10Page - Cyrustek corporation ES277 Datasheet HTML 11Page - Cyrustek corporation ES277 Datasheet HTML 12Page - Cyrustek corporation ES277 Datasheet HTML 13Page - Cyrustek corporation ES277 Datasheet HTML 14Page - Cyrustek corporation ES277 Datasheet HTML 15Page - Cyrustek corporation ES277 Datasheet HTML 16Page - Cyrustek corporation ES277 Datasheet HTML 17Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
V 1.1 
13 
2016/08/16 
ES277
4000 Counts DMM
1.15. Hazardous Voltage Indication
The ES277 could provide the AC/DC hazardous voltage indication for voltage/resistor/ diode
modes. Of course, the indication could support LCD symbol / LED (ALARM pin) /Buzzer driving
(Buzzer could be disabled by DISDGBP pin) simultaneously. Especially ES277 could detect the AC
voltage in DCV mode and detects the DC voltage in ACV mode. It means if not proper AC or DC
voltage signal exists on the device under test when DCV or ACV measurement mode is set, the HV
indication will be active.
HV indication criterion
Function / Range
DC voltage (typ.)
AC voltage (typ.)
AC mV
> +3V
OL
AC 4V
> +20V
OL
AC 40V – 1000V
> +100V
> 30Vrms
DC mV
OL
> 3Vrms (40-1kHz)
DC 4V
OL
> 20Vrms (40-1kHz)
DC 40V-1000V
> +30V
> 90Vrms (40-1kHz)
Freq. mode
> +70V
> 40Vrms (40-1kHz)
Res/Cap/Diode modes
> +10V
> 10Vrms (40-1kHz)
Note: If AC+DC signal is applied, the voltage criterion will be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com