Electronic Components Datasheet Search
  English  ▼

X  

ES277 Datasheet(PDF) 14 Page - Cyrustek corporation

Part # ES277
Description  4000 Counts DMM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES277 Datasheet(HTML) 14 Page - Cyrustek corporation

Back Button ES277 Datasheet HTML 10Page - Cyrustek corporation ES277 Datasheet HTML 11Page - Cyrustek corporation ES277 Datasheet HTML 12Page - Cyrustek corporation ES277 Datasheet HTML 13Page - Cyrustek corporation ES277 Datasheet HTML 14Page - Cyrustek corporation ES277 Datasheet HTML 15Page - Cyrustek corporation ES277 Datasheet HTML 16Page - Cyrustek corporation ES277 Datasheet HTML 17Page - Cyrustek corporation ES277 Datasheet HTML 18Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
V 1.1 
14 
2016/08/16 
ES277
4000 Counts DMM
1.16. Low Battery Voltage Detection
ES277 provides a voltage detection input (pin 89: LBAT9) for non-3V battery application. When
LBAT9 is less than VRH terminal voltage, the LCD segment of low battery will appear. For 3V battery
application, pull LBAT9 to DGND directly and the same detection will be made when V- is less than
2.3V typ.. When the Low battery status lasts for 10 seconds, the LCD segment of low battery will be
blinking. When the symbol is blinking for 20 seconds, the operation of meter will be inhibited and
LCD panel will show “ Lo.bt”. In this case, it is suggested to replace a new battery immediately. After
“Lo.bt” appears and lasts for 60 seconds, ES277 will enter to auto power off mode.
Low battery test ( 9V battery)
680K
 
270K
 
BAT
LBAT9
 
V‐
AGND
 
0.1u
 
0V
 
9V
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com