Electronic Components Datasheet Search
  English  ▼

X  

REF200 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF200
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button REF200 Datasheet HTML 3Page - Burr-Brown (TI) REF200 Datasheet HTML 4Page - Burr-Brown (TI) REF200 Datasheet HTML 5Page - Burr-Brown (TI) REF200 Datasheet HTML 6Page - Burr-Brown (TI) REF200 Datasheet HTML 7Page - Burr-Brown (TI) REF200 Datasheet HTML 8Page - Burr-Brown (TI) REF200 Datasheet HTML 9Page - Burr-Brown (TI) REF200 Datasheet HTML 10Page - Burr-Brown (TI) REF200 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
®
REF200
7
100µA/200µA
4
5
3
In
Out
Com
Mirror
S
Compliance to –V + 1.5V
+V
S
100µA
100µA
S
–V
FIGURE 6. Improved Low-Voltage Compliance.
FIGURE 7. 100
µA Current Source—80V Compliance.
100µA
100µA
±
±
40k
Ω
40k
Ω
0.01µF
0.01µF
1N4148
1N4148
1N4148
1N4148
(e) Bidirectional 200µA
cascoded current source.
100µA
100µA
40k
Ω
40k
Ω
0.01µF
0.01µF
(d) Floating 200µA cascoded
current source.
100µA
L
o
a
d
–V
S
+V
S
(a) Compliance approximate
to Gnd. HV compliance
limited by FET breakdown.
100µA
L
o
a
d
+V
S
(b) Compliance to +V – 5V.
High
Low
100µA
–V
S
33k
Ω
0.01µF
S
100µA
L
o
a
d
+V
S
(c)
–V
S
27k
Ω
5.1V
1N4689
NOTES: (1) FET cascoded current sources offer improved output impedance and high frequency operation. Circuit in (b)
also provides improved PSRR. (2) For current sinks (Circuits (a) and (b) only), invert circuits and use “N” channel JFETS.
FIGURE 8. FET Cascode Circuits.
101
100
99
0
10
2030
40
50
607080
Applied Voltage (V)
Provides 2X Higher Compliance Voltage
SERIES-CONNECTED CURRENT SOURCES
CURRENT vs APPLIED VOLTAGE
100µA
100µA
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com