Electronic Components Datasheet Search
  English  ▼

X  

REF200 Datasheet(PDF) 14 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF200
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200 Datasheet(HTML) 14 Page - Burr-Brown (TI)

Back Button REF200 Datasheet HTML 9Page - Burr-Brown (TI) REF200 Datasheet HTML 10Page - Burr-Brown (TI) REF200 Datasheet HTML 11Page - Burr-Brown (TI) REF200 Datasheet HTML 12Page - Burr-Brown (TI) REF200 Datasheet HTML 13Page - Burr-Brown (TI) REF200 Datasheet HTML 14Page - Burr-Brown (TI) REF200 Datasheet HTML 15Page - Burr-Brown (TI) REF200 Datasheet HTML 16Page - Burr-Brown (TI) REF200 Datasheet HTML 17Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
®
REF200
14
FIGURE 22. Voltage Reference.
FIGURE 21. Low-Voltage Reference.
FIGURE 23. Bipolar Limiting Circuit.
FIGURE 24. Limiting Circuit.
100µA
1
Ω
+V
V = 100µV
S
O
100µA
10k
Ω
+V
V = 1V
S
O
OPA602
0.01µF
100µA
with bridge
(See Figure 2)
OPA121
100µF
V
O
OPA121
V
I
R
(50k
Ω)
1k
Ω
V = V (–5V < V < 5V)
V = 5V (V > 5V)
V = –5V (V < –5V)
(Bound = 100µA • R)
O
O
O
I
I
I
I
–10
–5
+5
+10
–10
–5
+5
+10
O
V
V
I
+7.5V (R = 75k
Ω)
+5V (R = 50k
Ω)
+2.5V (R = 25k
Ω)
–2.5V (R = 25k
Ω)
+5V (R = 50k
Ω)
+7.5V (R = 75k
Ω)
R
(50k
Ω)
OPA121
100µF
V
O
OPA121
V
I
100µA
1k
Ω
1N4148
V = V (V < 5V)
V = 5V (V > 5V)
(V
= 100µA • R)
O
O
I
I
I
LIMIT
–10
–5
+5
+10
–10
–5
+5
+10
O
V
V
I
+7.5V (R = 75k
Ω)
+5V (R = 50k
Ω)
+2.5V (R = 25k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com