Electronic Components Datasheet Search
  English  ▼

X  

REF200 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF200
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button REF200 Datasheet HTML 6Page - Burr-Brown (TI) REF200 Datasheet HTML 7Page - Burr-Brown (TI) REF200 Datasheet HTML 8Page - Burr-Brown (TI) REF200 Datasheet HTML 9Page - Burr-Brown (TI) REF200 Datasheet HTML 10Page - Burr-Brown (TI) REF200 Datasheet HTML 11Page - Burr-Brown (TI) REF200 Datasheet HTML 12Page - Burr-Brown (TI) REF200 Datasheet HTML 13Page - Burr-Brown (TI) REF200 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
®
REF200
10
FIGURE 12. Precision Triangle Waveform Generator.
FIGURE 11. RTD Excitation With Three Wire Lead Resistance Compensation.
1N4148
1N4148
1N4148
1N4148
Bidirectional
Current Source
1/2
REF200
OPA602
R
C
Triangle Output
Square Output
2Vp-p
2Vp-p
10k
Ω
Frequency = 1/4RC (Hz)
Frequency = 25/C (Hz)
(C is in µF and R = 10k
Ω)
7
V
= Gain • 200µA •
∆ RTD
OUT
AB
O
C
I
–V
S
+V
S
RTD
Cable Shield
200µA
Reference
Current
200µA
Compensation
Current
REF200
1
R
OFFSET
INA110
Instrumentation Amplifier
23
4
86
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com