Electronic Components Datasheet Search
  English  ▼

X  

THX201 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # THX201
Description  THX201
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THX201 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  THX201 Datasheet HTML 1Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 2Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 3Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 4Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 5Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
THX201
2005/12/6
OB
0.1mA
OE
VCC
CT
680PF
VCC
TH201
VCC
VCC
VCC
VCC
VCC
VCC
FB
1.8K
VCC
/
FB=2.5V,CT=1.25V
CT
/
Ui
Vcc
Icc
CT
4.4V
3.8V
FB
OB
OE
Uo
1
2
3
4
5
9V
2
THX201
FB
FB=2.5V,IS=0V
FB
FB
FB=2.5V,IS=0.8V
FB
TH201
VCC
IS
FB=2.5V
IS
FB
IS
OB
IS
IS=0V
OB
40mA
OB
IS
IS
0.6V
OE
120mA
CT
CT
CT*24000
Min
TYP
Max
Ics
1.6
2.0
2.4
mA
55
80
uA
8.6
8.8
9.0
V
4.1
4.28
4.45
V
3.7
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com