Electronic Components Datasheet Search
  English  ▼

X  

THX201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # THX201
Description  THX201
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THX201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  THX201 Datasheet HTML 1Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 2Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 3Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 4Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 5Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
THX201
2005/12/6
THX201
DVD
*
LCD
10
0.3W
220Vac
0.2W
2.5V
OSC1
OSC2
+
-
600uA
25K
5K
1.8V
0.6V
+
-
+
-
9.8V
OSC-EN
OUT-EN
START-UP
1
3
2
5
6
7
8
4
VR
CT
FB
GND
IS
OE
OB
VCC
-R
S
100uA
+
-
R
R
S
Q
Q
5
1
CT
C
2
VR
2.5V
3
FB
4
GND
5
IS
6
OE
7
OB
8
VCC
DIP8
1
2
3
4
5
6
7
CT
VR
FB
GND
IS
OE
OB
VCC
T
H
X
2
0
1
8


Similar Part No. - THX201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THX202H ETC-THX202H Datasheet
559Kb / 21P
PWM Controller of High-performance Current Mode
THX203H ETC-THX203H Datasheet
480Kb / 21P
Switching Power Controller IC
THX208 ETC2-THX208 Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
THX208-7V ETC2-THX208-7V Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
THX208-8V ETC2-THX208-8V Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com