Electronic Components Datasheet Search
  English  ▼

X  

THX201 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # THX201
Description  THX201
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THX201 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  THX201 Datasheet HTML 1Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 2Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 3Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 4Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 5Page - List of Unclassifed Manufacturers THX201 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
THX201
2005/12/6
9.2
9.6
10
V
Icc
VCC=8V
3
mA
VR
VR
2.4
2.5
2.6
V
CT*24000
0.9
1
1.1
CT=1.25V
100
uA
CT=1.25V
1.9
mA
CT=680PF
53
57
61
%
FB
IS=0.5V,CT=0.6V
3.3
V
FB
FB=2.5V,IS=0V
580
uA
FB
FB=2.5V,IS=0.8V
300
uA
IS
R IS-GND =0.75¡
0.54
0.58
0.62
V
OE
OE=0.001~1.2A
1.6
V
OB
IS=0.5V
102
120
140
mA
OB
IS=0.0V
32
44
60
mA
OB
OB-IS=1V
-145
-210
-230
mA
OB
OB-IS=0.25V
-10
-6
mA
OE
OE-IS=0.6V
-1.2
-1
A
0.5-3mA
10
3
4
R1
0.05-0.3mA
10
3
4
C5=680pF
E
60KHz
3
4
T1
4.8-9V
6V
THX201
0.8A
220Vac 140V
22W
110 Vac 90V
95Vac
18W
0.8A
OB
£
10@5Vce@0.8A
3
4
R3
0.75
0.6V/
THX201
THX201
PCB
L
3
18W
R6
R7
T1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com