Electronic Components Datasheet Search
  English  ▼

X  

TL598 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL598
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL598 Datasheet(HTML) 4 Page - Texas Instruments

  TL598 Datasheet HTML 1Page - Texas Instruments TL598 Datasheet HTML 2Page - Texas Instruments TL598 Datasheet HTML 3Page - Texas Instruments TL598 Datasheet HTML 4Page - Texas Instruments TL598 Datasheet HTML 5Page - Texas Instruments TL598 Datasheet HTML 6Page - Texas Instruments TL598 Datasheet HTML 7Page - Texas Instruments TL598 Datasheet HTML 8Page - Texas Instruments TL598 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TL598
PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS053D − FEBRUARY 1988 − REVISED NOVEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V
(unless otherwise noted) (continued)
error amplifier section (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input offset voltage
FEEDBACK = 2.5 V
2
10
mV
Input offset current
FEEDBACK = 2.5 V
25
250
nA
Input bias current
FEEDBACK = 2.5 V
0.2
1
µA
Common-mode input voltage range
VCC = 7 V to 40 V
0 to
VCC−2
V
Open-loop voltage amplification
∆VO (FEEDBACK) = 3 V, VO (FEEDBACK) = 0.5 V to 3.5 V
70
95
dB
Unity-gain bandwidth
800
kHz
Common-mode rejection ratio
VCC = 40 V,
∆VIC = 6.5 V,
TA = 25°C
65
80
dB
Output sink current (FEEDBACK)
FEEDBACK = 0.5 V
0.3
0.7
mA
Output source current (FEEDBACK)
FEEDBACK = 3.5 V
−2
mA
Phase margin at unity gain
FEEDBACK = 0.5 V to 3.5 V,
RL = 2 kΩ
65
°
Supply-voltage rejection ratio
FEEDBACK = 2.5 V,
∆VCC = 33 V,
RL = 2 kΩ
100
dB
† All typical values, except for parameter changes with temperature, are at TA = 25°C.
NOTE 4. Pulse-testing techniques that maintain the junction temperature as close to the ambient temperature as possible must be used.
electrical characteristics over recommended operating free-air temperature range, VCC =15V
(unless otherwise noted)
undervoltage lockout section (see Note 4)
PARAMETER
TEST CONDITIONS‡
MIN
MAX
UNIT
Threshold voltage
TA = 25°C
4
6
V
Threshold voltage
∆TA = full range
3.5
6.9
V
Hysteresis§
TA = 25°C
100
mV
Hysteresis§
TA = full range
50
mV
‡ Full range is 0°C to 70°C.
§ Hysteresis is the difference between the positive-going input threshold voltage and the negative-going input threshold voltage.
NOTE 4. Pulse-testing techniques must be used that maintain the junction temperature as close to the ambient temperature as possible.
output section (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
High-level output voltage
VCC = 15 V,
IO = −200 mA
12
V
High-level output voltage
VCC = 15 V,
VC = 15 V
IO = −20 mA
13
V
Low-level output voltage
VCC = 15 V,
IO = 200 mA
2
V
Low-level output voltage
VCC = 15 V,
VC = 15 V
IO = 20 mA
0.4
V
Output-control input current
VI = Vref
3.5
mA
Output-control input current
VI = Vref
VI = 0.4 V
100
µA
NOTE 4. Pulse-testing techniques must be used that maintain the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com