Electronic Components Datasheet Search
  English  ▼

X  

TL598 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL598
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL598 Datasheet(HTML) 5 Page - Texas Instruments

  TL598 Datasheet HTML 1Page - Texas Instruments TL598 Datasheet HTML 2Page - Texas Instruments TL598 Datasheet HTML 3Page - Texas Instruments TL598 Datasheet HTML 4Page - Texas Instruments TL598 Datasheet HTML 5Page - Texas Instruments TL598 Datasheet HTML 6Page - Texas Instruments TL598 Datasheet HTML 7Page - Texas Instruments TL598 Datasheet HTML 8Page - Texas Instruments TL598 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TL598
PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS053D − FEBRUARY 1988 − REVISED NOVEMBER 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC =15V
(unless otherwise noted) (continued)
dead-time control section (see Figure 1) (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input bias current (DTC)
VI = 0 to 5.25 V
−2
−10
µA
Maximum duty cycle, each output
DTC = 0 V
0.45
Input threshold voltage (DTC)
Zero duty cycle
3
3.3
V
Input threshold voltage (DTC)
Maximum duty cycle
0
V
† All typical values, except for parameter changes with temperature, are at TA = 25°C.
NOTE 4. Pulse-testing techniques must be used that maintain the junction temperature as close to the ambient temperature as possible.
pwm comparator section (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input threshold voltage (FEEDBACK)
DTC = 0 V
3.75
4.5
V
Input sink current (FEEDBACK)
V(FEEDBACK) = 0.5 V
0.3
0.7
mA
† All typical values, except for parameter changes with temperature, are at TA = 25°C.
NOTE Pulse-testing techniques must be used that maintain the junction temperature as close to the ambient temperature as possible.
total device (see Figure 1) (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Standby supply current
RT = Vref,
All other inputs and outputs open
VCC = 15 V
15
21
mA
Standby supply current
RT = Vref,
All other inputs and outputs open
VCC = 40 V
20
26
mA
Average supply current
DTC = 2 V
15
mA
† All typical values, except for parameter changes with temperature, are at TA = 25°C.
NOTE 4. Pulse-testing techniques must be used that maintain the junction temperature as close to the ambient temperature as possible.
switching characteristics, TA = 25°C (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output-voltage rise time
CL = 1500 pF,
VC = 15 V,
VCC = 15 V,
See Figure 2
60
150
ns
Output-voltage fall time
CL = 1500 pF,
VC = 15 V,
VCC = 15 V,
See Figure 2
35
75
ns
NOTE 4. Pulse-testing techniques must be used that maintain the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com