Electronic Components Datasheet Search
  English  ▼

X  

TL598 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL598
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL598 Datasheet(HTML) 2 Page - Texas Instruments

  TL598 Datasheet HTML 1Page - Texas Instruments TL598 Datasheet HTML 2Page - Texas Instruments TL598 Datasheet HTML 3Page - Texas Instruments TL598 Datasheet HTML 4Page - Texas Instruments TL598 Datasheet HTML 5Page - Texas Instruments TL598 Datasheet HTML 6Page - Texas Instruments TL598 Datasheet HTML 7Page - Texas Instruments TL598 Datasheet HTML 8Page - Texas Instruments TL598 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TL598
PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS053D − FEBRUARY 1988 − REVISED NOVEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUT/OUTPUT
CTRL
OUTPUT FUNCTION
VI = GND
Single-ended or parallel output
VI = REF
Normal push-pull operation
functional block diagram
GND
SIGNAL
REF
VCC
Reference
Regulator
Undervoltage
Lockout Control
2
GND
POWER
OUT2
OUT1
VC
Pulse-Steering
Flip-Flop
C1
1D
FEEDBACK
−
+
1IN+
DTC
CT
RT
PWM
Comparator
Error Amplifier
1
+
−
Error Amplifier
≈0.1 V
DTC
Comparator
Oscillator
OUTPUT CTRL
(see Function Table)
6
5
4
1
2
16
15
3
13
11
8
9
10
12
14
7
1IN−
2IN+
2IN−
0.7 mA
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
41 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Amplifier input voltage, VI
VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector voltage
41 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (each output), sink or source, IO
250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the signal ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com