Electronic Components Datasheet Search
  English  ▼

X  

PCA9538 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9538
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9538 Datasheet HTML 5Page - Texas Instruments PCA9538 Datasheet HTML 6Page - Texas Instruments PCA9538 Datasheet HTML 7Page - Texas Instruments PCA9538 Datasheet HTML 8Page - Texas Instruments PCA9538 Datasheet HTML 9Page - Texas Instruments PCA9538 Datasheet HTML 10Page - Texas Instruments PCA9538 Datasheet HTML 11Page - Texas Instruments PCA9538 Datasheet HTML 12Page - Texas Instruments PCA9538 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
Reads
0
1
1
S
0
1
A1 A0 0
A
A
Data from Register
Slave Address
Slave Address
R/W
ACK From
Slave
Command Byte
ACK From
Slave
S
0
1
1
0
1
A1 A0
R/W
1 A
Data
A
ACK From
Master
Data
Data from Register
NACK From
Master
NA P
Last Byte
ACK From
Slave
SCL
SDA
INT
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Master
NACK From
Master
ACK From
Slave
Data From Port
Slave Address
Data From Port
1
9
8
7
6
5
4
3
2
0
1
1
S
0
1
A1 A0 0
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
tiv
tph
tps
tir
Data 5
PCA9538
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS126D – SEPTEMBER 2006 – REVISED MARCH 2007
The bus master first must send the PCA9538 address with the LSB set to a logic 0 (see Figure 4 for device
address). The command byte is sent after the address and determines which register is accessed. After a
restart, the device address is sent again but, this time, the LSB is set to a logic 1. Data from the register defined
by the command byte then is sent by the PCA9538 (see Figure 8 and Figure 9). After a restart, the value of the
register defined by the command byte matches the register being accessed when the restart occurred. Data is
clocked into the register on the rising edge of the ACK clock pulse. There is no limitation on the number of data
bytes received in one read transmission, but when the final byte is received, the bus master must not
acknowledge the data.
Figure 8. Read From Register
<br/>
A.
This figure assumes the command byte has previously been programmed with 00h.
B.
Transfer of data can be stopped at any moment by a Stop condition.
C.
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from the P port. See Figure 8 for these details.
Figure 9. Read From Input Port Register
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com