Electronic Components Datasheet Search
  English  ▼

X  

PCA9538 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9538
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCA9538 Datasheet HTML 17Page - Texas Instruments PCA9538 Datasheet HTML 18Page - Texas Instruments PCA9538 Datasheet HTML 19Page - Texas Instruments PCA9538 Datasheet HTML 20Page - Texas Instruments PCA9538 Datasheet HTML 21Page - Texas Instruments PCA9538 Datasheet HTML 22Page - Texas Instruments PCA9538 Datasheet HTML 23Page - Texas Instruments PCA9538 Datasheet HTML 24Page - Texas Instruments PCA9538 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
A1
A0
SDA
SCL
INT
GND
P6
P0
P1
P2
P3
P4
P5
P7
INT
GND
VCC
VCC
(5 V)
VCC
10 kW
10 kW
10 kW
10 kW
2 kW
100 kW
(y3)
Master
Controller
PCA9538
INT
RESET
Subsystem 2
(e.g., counter)
Subsystem 3
(e.g., alarm system)
ALARM
Controlled Device
(e.g., CBT device)
ENABLE
A
B
VCC
RESET
RESET
Subsystem 1
(e.g., temperature sensor)
SDA
SCL
PCA9538
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS126D – SEPTEMBER 2006 – REVISED MARCH 2007
Figure 14 shows an application in which the PCA9538 can be used.
A.
Device address is configured as 1110000 for this example.
B.
P0, P2, and P3 are configured as outputs.
C.
P1, P4, and P5 are configured as inputs.
D.
P6 and P7 are not used and must be configured as outputs.
Figure 14. Typical Application
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com