Electronic Components Datasheet Search
  English  ▼

X  

PCA9538 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9538
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCA9538 Datasheet HTML 12Page - Texas Instruments PCA9538 Datasheet HTML 13Page - Texas Instruments PCA9538 Datasheet HTML 14Page - Texas Instruments PCA9538 Datasheet HTML 15Page - Texas Instruments PCA9538 Datasheet HTML 16Page - Texas Instruments PCA9538 Datasheet HTML 17Page - Texas Instruments PCA9538 Datasheet HTML 18Page - Texas Instruments PCA9538 Datasheet HTML 19Page - Texas Instruments PCA9538 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
0
1
2
3
4
5
6
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VCC – Supply Voltage – V
IOH = –10 mA
IOH = –8 mA
TA = 25°C
PCA9538
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS126D – SEPTEMBER 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
T
A = 25°C (unless otherwise noted)
OUTPUT HIGH VOLTAGE
vs
SUPPLY VOLTAGE
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com