Electronic Components Datasheet Search
  English  ▼

X  

NF75 Datasheet(PDF) 2 Page - NF Forward USA Inc

Part # NF75
Description  Household electrical appliances
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NFFORWARD [NF Forward USA Inc]
Direct Link  https://nfforward.com/
Logo NFFORWARD - NF Forward USA Inc

NF75 Datasheet(HTML) 2 Page - NF Forward USA Inc

  NF75 Datasheet HTML 1Page - NF Forward USA Inc NF75 Datasheet HTML 2Page - NF Forward USA Inc NF75 Datasheet HTML 3Page - NF Forward USA Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specification (continued)
Ambient Operating Humidity*
5% to 85%
Packing Unit
20 pcs / tube; 1000 pcs / box;
Weight
12g
Vibration Resistance (Malfunction)
10 to 55Hz, 1.5mm double amplitude
Shock Resistance (Malfunction)
2
2
Energized 100m/s , De-energized 100m/s
1
Ambient Operating Temperature*
NF75 100E... / NF75 001E...
NF75 100E7... / NF75 001E7...
-40 to +85°C
*1. Without icing or condensation
Freuquency of Operation
360 / hour (With load)
72000 / hour (Without load)
NF FORWARD
Ver2209-1
NF FORWARD NF75
Environmental Protection
Glow wire according to IEC60335-1
Operate Time / Release Time
RTII (Flux tight) / RTIII (Sealed)
GWFI 850°C and GWIT 775°C
Max. 15ms / Max. 8ms
Engineering Data
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10 20 30 50
100
5001,000
AC resistive load
DC resistive
load
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10 20 30 50
100
5001,000
AC resistive load
DC resistive
load
NF75 100E... / NF75 001E...
NF75 100E7... / NF75 001E7...
●
Ambient Temperature vs.
Maximum Coil Voltage
●
Ambient Temperature vs. Must
Operate and Must Release Voltages
100
90
80
70
60
50
40
30
20
10
Ambient temperature (°C)
0
60
40
20
80
100
120
Must operate voltage
Must release voltage
max.
min.
X
max.
min.
X
Sample:
NF75-100E724
Number of relays: 5 pcs
Max. DC Load Breaking Capacity
●
Electrical Endurance
●
250
200
150
100
50
10
20 30 40 50 60 70 80
90 100
180
130
85
110
105
NF75
NF75-100E...
NF75-001E...
NF75-100E7...
NF75-001E7...
Over Voltage Category
III
Tracking Index of Relay Base
PTI 250V min.
All specifications subject to change. Consult NF FORWARD for latest specifications: www.nfforward.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com