Electronic Components Datasheet Search
  English  ▼

X  

NF75 Datasheet(PDF) 3 Page - NF Forward USA Inc

Part # NF75
Description  Household electrical appliances
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NFFORWARD [NF Forward USA Inc]
Direct Link  https://nfforward.com/
Logo NFFORWARD - NF Forward USA Inc

NF75 Datasheet(HTML) 3 Page - NF Forward USA Inc

  NF75 Datasheet HTML 1Page - NF Forward USA Inc NF75 Datasheet HTML 2Page - NF Forward USA Inc NF75 Datasheet HTML 3Page - NF Forward USA Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Safety approvals
VDE File No. 40043368
UL File No. E352915
CQC File No. CQC10002042304
Model
12A Version
(no "7")
12A, 250VAC, 85°C
12A, 250VAC, 85°C
12A, 250VAC, 85°C
16A Version
(with "7")
16A, 250VAC, 85°C
16A, 250VAC, 85°C
16A, 277VAC, 105°C
Dimensions
mm
29 0,3
2 - 0,5 x 0,8
2 - 0,4 x 0,6
12,7 0,3
2,7
3.5
20
Ø1.3-4
NF75 100E...
PCB Mounting Holes
(Bottom View)
Wiring Diagram
(Bottom View)
NF75 001E...
PCB Mounting Holes
(Bottom View)
Wiring Diagram
(Bottom View)
29 0,3
3 - 0,5 x 0,8
2 - 0,4 x 0,6
12,7 0,3
2,7
3.5
16.5
Ø1.3-5
3.5
29 0,3
4 - 0,5 x 0,8
2 - 0,4 x 0,6
12,7 0,3
2,7
NF75 100E7...
PCB Mounting Holes
(Bottom View)
Wiring Diagram
(Bottom View)
5
20
Ø1.3-6
5
15
Ø1.3-8
5
29 0,3
2,7
6 - 0,5 x 0,8
2 - 0,4 x 0,6
12,7 0,3
NF75 001E7...
PCB Mounting Holes
(Bottom View)
Wiring Diagram
(Bottom View)
NF FORWARD
Ver. 2209-1
NF FORWARD NF75
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of the relay for your intended purpose.
We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and to request our technical service. Any responsibility for the application of
the product remains with the customer only. All specifications are subject to change without notification. All rights of NF Forward GmbH & NF Forward USA Inc. are reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com