Electronic Components Datasheet Search
  English  ▼

X  

NF75 Datasheet(PDF) 1 Page - NF Forward USA Inc

Part # NF75
Description  Household electrical appliances
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NFFORWARD [NF Forward USA Inc]
Direct Link  https://nfforward.com/
Logo NFFORWARD - NF Forward USA Inc

NF75 Datasheet(HTML) 1 Page - NF Forward USA Inc

  NF75 Datasheet HTML 1Page - NF Forward USA Inc NF75 Datasheet HTML 2Page - NF Forward USA Inc NF75 Datasheet HTML 3Page - NF Forward USA Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver. 2209-1
NF75
1 pole 12/16A, 1 form C (CO) or 1 form A (NO) Contact
DC Coil Power: 410 mW
5kV/8mm coil-contact, reinforced insulation
Ambient temparature 85°C
Accordance with IEC60335-1 Ed.5 (optional)
29x12.7x15.7
NF75
Features
E352915
C
US
10002042304
40043368
D E
V
NF FORWARD
RoHS compliant
Application Examples
Household electrical appliances
Building automation
Industrial machinery
Coil Rating (at 23°C)
Rated Coil Voltage
Coil Resistance
R[Ω] ± 10%
Pull-in Voltage
[VDC]
Drop-out Voltage
[VDC]
Coil Power
[VDC]
[mW]
Max. Applied Voltage
[VDC]
12
5
24
351
1405
61
410
Ordering Information
Specification
NF FORWARD NF75
Contact Data
Contact Arrangement
Contact Material
Max. Switching Voltage
Contact Resistance
6
7.5 x 10
Contact Rating
NF75 100E... / NF75 001E...
NF75 100E7... / NF75 001E7...
12A, 250VAC
16A, 277VAC
440VAC, 300VDC
Max. Switching Current
12A
16A
≤ 100mΩ (by voltage drop 6VDC/1A)
Min. Switching Capacity
100mA, 6VDC
Electrical endurance
Mechanical endurance
5
10
Creepage / Clearance Distance
Initial Dielectric Strength
Min. 8mm / Min. 8mm
between open contacts 1000 Vrms
between contact and coil 5000Vrms
Material Group of Insulation Parts
IIIa
Impulse withstand voltage
10kV (1.2 x 50 μs)
OA equipments
Nil = Flux tight
S = Sealed washable
6. Protection:
7. Compliance:
Max. 70%
rated coil voltage
(Initial)
Min. 10%
rated coil voltage
(Initial)
Max. 130%
rated coil voltage
(Initial)
S
7
12
E
100
XXXX
7
6
5
4
3
2
1
1 form C (CO) or 1form A (NO)
Ag alloy (Cd free)
Accordance with IEC60079-15
48
5620
1. Type:
2. Contact configuration:
3. Contact material:
4. Contact rating:
5. Coil code:
NF75
100 = 1NO (1 form A)
001 = 1CO (1 form C)
E = AgSn02
Nil = 12A, pinning 3.5mm
7 = 16A, pinning 5mm
5 = 5VDC; 12 = 12VDC;
24 = 24VDC; 48 = 48VDC;
All specifications subject to change. Consult NF FORWARD for latest specifications: www.nfforward.com
Nil = Standard
0335 = IEC60335-1 (GWT)


Similar Description - NF75

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F_05 Datasheet
838Kb / 3P
Suitable for household electrical appliances, automation system, electronic equipment, instrument and meter application.
N3753AADC6P DBLECTRO-N3753AADC6P Datasheet
396Kb / 2P
Suitable for automatic control, household electrical appliances and machinery electrical facilities.
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
Used in household appliances like air conditioning
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
Suitable for household electrical appliances, automation system
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
Suitable for household electrical appliances, automation system, instrument and meter
logo
Renesas Technology Corp
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
televisions, household appliances, office equipment, communication devices
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
cameras, televisions, household appliances, office equipment
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
Adels-Contact
1697P5 ADELS-1697P5 Datasheet
122Kb / 2P
Lighting, Installation, Electrical Appliances
12/11/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com