Electronic Components Datasheet Search
  English  ▼

X  

VC0736 Datasheet(PDF) 105 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 105 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 101Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 102Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 103Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 104Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 105Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 106Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 107Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 108Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 109Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
103/125
4-CH AHD2.0 RX and 9-CH Audio Codec
VIDEO Control Registers
Registers for Control MPP
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0xB0
MPP_GPIO
[7:0]
0x00
0x00
MPP_GPIO
: Global Purpose Output Setting Register (output only)
Ex) control Coaxial mux control pins
0xB1
MPP4_MSB
[7]
0x00
0x00
MPPx_MSB
: Control output data of
MPPx pin
( x =
MPP pin number )
0
:
1 item output for MPP signal
1
:
2~5 item OR output for MPP signal
MPP3_MSB
[2]
MPP2_MSB
[1]
MPP1_MSB
[0]
0xB2
IRQ_MSB
[0]
0
0
IRQ_MSB
: Control output data of IRQ pin
0
:
1 item output for MPP signal
1
:
2~5 item OR output for MPP signal
Registers to Control COAX
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0xBD
COAX_SEL1
[7:4]
0x0
0x0
COAX_SELx
: Select COAX_x pin output signals selection
(x =
COAX Pin number)
0
:
0 (Zero)
1~C :
Reserved
D
:
Coaxial Protocol Command of ch x
E
:
Coaxial Protocol Command of ch total
F
:
Reserved
0xBE
COAX_SEL2
[3:0]
COAX_SEL3
[7:4]
0xBF
COAX_SEL4
[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com