Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADGVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9554ADGVR
Description  REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9554ADGVR Datasheet(HTML) 4 Page - Texas Instruments

  PCA9554ADGVR Datasheet HTML 1Page - Texas Instruments PCA9554ADGVR Datasheet HTML 2Page - Texas Instruments PCA9554ADGVR Datasheet HTML 3Page - Texas Instruments PCA9554ADGVR Datasheet HTML 4Page - Texas Instruments PCA9554ADGVR Datasheet HTML 5Page - Texas Instruments PCA9554ADGVR Datasheet HTML 6Page - Texas Instruments PCA9554ADGVR Datasheet HTML 7Page - Texas Instruments PCA9554ADGVR Datasheet HTML 8Page - Texas Instruments PCA9554ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.ti.com
Data From
Shift Register
Data From
Shift Register
Write Configuration
Pulse
Write Pulse
Read Pulse
Write Polarity
Pulse
Data From
Shift Register
Output Port
Register
Configuration
Register
Input Port
Register
Polarity
Inversion
Register
Polarity
Register Data
Input Port
Register Data
GND
P0 to P7
VCC
Output Port
Register Data
Q1
Q2
D
CK
FF
Q
Q
D
CK
FF
Q
Q
D
CK
FF
Q
Q
D
CK
FF
Q
Q
INT
100 kW
I/O Port
I2C Interface
PCA9554A
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS127A – SEPTEMBER 2006 – REVISED FEBRUARY 2007
Simplified Schematic of P0 to P7
A.
At power-on reset, all registers return to default values.
When an I/O is configured as an input, FETs Q1 and Q2 are off, which creates a high impedance input with a
weak pullup (100 k
Ω typ) to V
CC. The input voltage may be raised above VCC to a maximum of 5.5 V.
If the I/O is configured as an output, Q1 or Q2 is enabled, depending on the state of the output port register. In
this case, there are low impedance paths between the I/O pin and either VCC or GND. The external voltage
applied to this I/O pin should not exceed the recommended levels for proper operation.
The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be
connected to a positive supply through a pull-up resistor when connected to the output stages of a device. Data
transfer may be initiated only when the bus is not busy.
I2C communication with this device is initiated by a master sending a start condition, a high-to-low transition on
the SDA input/output while the SCL input is high (see Figure 1). After the start condition, the device address
byte is sent, MSB first, including the data direction bit
  /W).
After receiving the valid address byte, this device responds with an acknowledge (ACK), a low on the SDA
input/output during the high of the ACK-related clock pulse. The address inputs (A0–A2) of the slave device
must not be changed between the start and the stop conditions.
On the I2C bus, only one data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as control
commands (start or stop) (see Figure 2).
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com