Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADGVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9554ADGVR
Description  REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9554ADGVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCA9554ADGVR Datasheet HTML 16Page - Texas Instruments PCA9554ADGVR Datasheet HTML 17Page - Texas Instruments PCA9554ADGVR Datasheet HTML 18Page - Texas Instruments PCA9554ADGVR Datasheet HTML 19Page - Texas Instruments PCA9554ADGVR Datasheet HTML 20Page - Texas Instruments PCA9554ADGVR Datasheet HTML 21Page - Texas Instruments PCA9554ADGVR Datasheet HTML 22Page - Texas Instruments PCA9554ADGVR Datasheet HTML 23Page - Texas Instruments PCA9554ADGVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
www.ti.com
P0
A
0.7
× VCC
0.3
× VCC
SCL
P7
tpv
(see Note B)
Slave
ACK
Unstable
Data
Last Stable Bit
SDA
Pn
Pn
WRITE MODE (R/W = 0)
P0
A
0.7
× VCC
0.3
× VCC
SCL
P7
0.7
× VCC
0.3
× VCC
tps
tph
READ MODE (R/W = 1)
P-PORT LOAD CONFIGURATION
DUT
CL = 50 pF
(see Note A)
Pn
2
× VCC
500 W
500 W
1.5 V
PCA9554A
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS127A – SEPTEMBER 2006 – REVISED FEBRUARY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
A.
CL includes probe and jig capacitance.
B.
tpv is measured from 0.7 × VCC on SCL to 50% I/O pin output.
C.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Z
O = 50 Ω, tr/tf ≤ 30 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
All parameters and waveforms are not applicable to all devices.
Figure 12. P-Port Load Circuit and Voltage Waveforms
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com