Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADGVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9554ADGVR
Description  REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9554ADGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9554ADGVR Datasheet HTML 4Page - Texas Instruments PCA9554ADGVR Datasheet HTML 5Page - Texas Instruments PCA9554ADGVR Datasheet HTML 6Page - Texas Instruments PCA9554ADGVR Datasheet HTML 7Page - Texas Instruments PCA9554ADGVR Datasheet HTML 8Page - Texas Instruments PCA9554ADGVR Datasheet HTML 9Page - Texas Instruments PCA9554ADGVR Datasheet HTML 10Page - Texas Instruments PCA9554ADGVR Datasheet HTML 11Page - Texas Instruments PCA9554ADGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
Register Descriptions
Power-On Reset
PCA9554A
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS127A – SEPTEMBER 2006 – REVISED FEBRUARY 2007
The Input Port Register (Register 0) reflects the incoming logic levels of the pins, regardless of whether the pin
is defined as an input or an output by the Configuration Register. It only acts on read operation. Writes to these
registers have no effect. The default value, X, is determined by the externally applied logic level.
Before a read operation, a write transmission is sent with the command byte to let the I2C device know that the
Input Port register will be accessed next.
Register 0 (Input Port Register) Table
BIT
I7
I6
I5
I4
I3
I2
I1
I0
DEFAULT
X
X
X
X
X
X
X
X
The Output Port register (register 1) shows the outgoing logic levels of the pins defined as outputs by the
Configuration register. Bit values in this register have no effect on pins defined as inputs. In turn, reads from this
register reflect the value that is in the flip-flop controlling the output selection, not the actual pin value.
Register 1 (Output Port Register) Table
BIT
O7
O6
O5
O4
O3
O2
O1
O0
DEFAULT
1
1
1
1
1
1
1
1
The Polarity Inversion register (register 2) allows polarity inversion of pins defined as inputs by the Configuration
register. If a bit in this register is set (written with 1), the corresponding port pin polarity is inverted. If a bit in this
register is cleared (written with a 0), the corresponding port pin original polarity is retained.
Register 2 (Polarity Inversion Register) Table
BIT
N7
N6
N5
N4
N3
N2
N1
N0
DEFAULT
0
0
0
0
0
0
0
0
The Configuration register (register 3) configures the directions of the I/O pins. If a bit in this register is set to 1,
the corresponding port pin is enabled as an input with high impedance output driver. If a bit in this register is
cleared to 0, the corresponding port pin is enabled as an output.
Register 3 (Configuration Register) Table
BIT
C7
C6
C5
C4
C3
C2
C1
C0
DEFAULT
1
1
1
1
1
1
1
1
When power (from 0 V) is applied to VCC, an internal power-on reset holds the PCA9554A in a reset condition
until VCC has reached VPOR. At that point, the reset condition is released and the PCA9554A registers and
I2C/SMBus state machine will initialize to their default states. After that, VCC must be lowered to below 0.2 V and
then back up to the operating voltage for a power-reset cycle.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com