Electronic Components Datasheet Search
  English  ▼

X  

TA2P Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TA2P
Description  TA2P series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2P Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TA2P Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TA2P Minimum Retracted Length
Stroke
Output Signals
(#0, #4, #5)
Output Signals
(#1, #2, #3)
for Front Attachment 1,2 with Rear Attachment 1,2,3
25~50mm
Stroke+108mm
Stroke+138mm
51~100mm
101~150mm
151~200mm
Stroke+110mm
Stroke+140mm
201~250mm
251~300mm
Stroke
Output Signals
(#0, #4, #5)
Output Signals
(#1, #2, #3)
for Front Attachment 3,4,5 with Rear Attachment 1,2,3
25~50mm
Stroke+120mm
Stroke+150mm
51~100mm
101~150mm
151~200mm
Stroke+122mm
Stroke+152mm
201~250mm
251~300mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com