Electronic Components Datasheet Search
  English  ▼

X  

TA2P Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TA2P
Description  TA2P series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2P Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TA2P Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TA2P Load and Speed
CODE
Rated Load
Max.
Current at
Full Load
(12V)
Typical
Current
at Rated
Load (A)
Typical Speed
PUSH
N
PULL
N
No Load
(24V DC)
mm/s
Rated Load
(24V DC)
mm/s
Motor Speed (5200RPM)
A
250
250
4.4
2.2
43
36
B
500
500
4.4
2.2
28
24
C
1000
1000
4.4
2.2
14
12
D
1500
1500
4.4
2.2
9.3
8
E
2000
2000
4.4
2.2
7
6
Motor Speed (6600RPM)
F
250
250
5.6
2.8
55
46
G
500
500
5.6
2.8
35
30
H
1000
1000
5.6
2.8
18
15
K
1500
1500
5.6
2.8
12
10.3
L
2000
2000
5.6
2.8
9
7.5
Note
1 The left diagram shows the
speed and current figures under
pushing condition.
2 Speed would be the same if
with 12V motor, but with double
current consumption comparing
24V motor.
Terms of Use
The user is responsible
for determining the suitability
of TiMOTION products for
a specific application.
Due to continuous development
in order to improve our products,
TiMOTION products are subject
to frequent modifications and
changes without prior notice.
TiMOTION reserves the right
to discontinue the sale of any
products displayed on its website
or listed in its catalogue or other
written materials drawn up by
TiMOTION.
Dimension with
POT, Optical, or
Reed Sensor
Dimension Without
Sensor or with
Hall Sensor(s)
Drawing
11
11
123.4
91.4
Retracted Length
9
11
11
152.9
91.4
Retracted Length
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com