Electronic Components Datasheet Search
  English  ▼

X  

TA2P Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TA2P
Description  TA2P series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA2P Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TA2P Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA2P Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TA2P Ordering Key
TA2P
Voltage
1 = 12V
2 = 24V
3 = 36V
4 = 48V
See appendix
Load and Speed
Stroke
Output Signals
1 = TiMOTION’s standard plug
2 = Tinned leads
A = Customized
1 = Straight, 300mm
2 = Straight, 600mm
3 = Straight, 1000mm
A = Customized
Plug
1 = 90° (standard)
Retracted Length
Front Attachment
Rear Attachment
Functions for
Limit Switches
Direction of
Rear Attachment
1 = Two switches at the retracted/extended positions to cut current
2 = Two switches at the retracted/extended positions to cut current
with the third one in between to send signal
3 = Two switches at the retracted/extended positions to send signal
4 = Two switches at the retracted/
extended positions and the third one
in between to send signal
A = Customized
0 = Without
1 = Potentiometer
Cable Length
2 = Optical
3 = Reed
4 = One Hall sensor
5 = Two Hall sensors
Version: 20130204-F
See appendix
1 = Hole 6.4mm
2 = Hole 8mm
3 = Hole 10mm
A = Customized
1 = Hole 6.4mm
2 = Hole 8mm
3 = U clevis, slot 6mm, hole 10mm
4 = U clevis, slot 6mm, hole 6.4mm
5 = U clevis, slot 6mm, hole 8mm
A = Customized



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com