Electronic Components Datasheet Search
  English  ▼

X  

TL431MFKB Datasheet(PDF) 8 Page - Texas Instruments

Part # TL431MFKB
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431MFKB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL431MFKB Datasheet HTML 4Page - Texas Instruments TL431MFKB Datasheet HTML 5Page - Texas Instruments TL431MFKB Datasheet HTML 6Page - Texas Instruments TL431MFKB Datasheet HTML 7Page - Texas Instruments TL431MFKB Datasheet HTML 8Page - Texas Instruments TL431MFKB Datasheet HTML 9Page - Texas Instruments TL431MFKB Datasheet HTML 10Page - Texas Instruments TL431MFKB Datasheet HTML 11Page - Texas Instruments TL431MFKB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Vref TOLERANCE (25°C) = 0.5%
TL431B, TL432B ORDERING INFORMATION (CONTINUED)
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431BIP
TL431BIP
SC-70 (DCK)
Reel of 3000
TL431BIDCKR
T3_
SC-70 (DCK)
Reel of 250
TL431BIDCKT
T3_
SOIC (D)
Tube of 75
TL431BID
Z431B
SOIC (D)
Reel of 2500
TL431BIDR
Z431B
Reel of 3000
TL431BIDBVR
T3F_
SOT-23-5 (DBV)
Reel of 250
TL431BIDBVT
T3F_
SOT-23-5 (DBV)
Reel of 3000
TL432BIDBVR
T4F_
Reel of 250
TL432BIDBVT
T4F_
−40 C to 85 C
Reel of 3000
TL431BIDBZR
T3F_
−40
°C to 85°C
SOT-23-3 (DBZ)
Reel of 250
TL431BIDBZT
T3F_
SOT-23-3 (DBZ)
Reel of 3000
TL432BIDBZR
T4F_
Reel of 250
TL432IBDBZT
T4F_
SOT-89 (PK)
Reel of 1000
TL431BIPK
4I
SOT-89 (PK)
Reel of 1000
TL432BIPK
2H
Bulk of 1000,
straight lead
TL431BILP
TO-226/TO-92 (LP)
Ammo of 2000,
formed lead
TL431BILPM
Z431B
Reel of 2000,
fomed lead
TL431BILPR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com