Electronic Components Datasheet Search
  English  ▼

X  

TL431MFKB Datasheet(PDF) 1 Page - Texas Instruments

Part # TL431MFKB
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431MFKB Datasheet(HTML) 1 Page - Texas Instruments

  TL431MFKB Datasheet HTML 1Page - Texas Instruments TL431MFKB Datasheet HTML 2Page - Texas Instruments TL431MFKB Datasheet HTML 3Page - Texas Instruments TL431MFKB Datasheet HTML 4Page - Texas Instruments TL431MFKB Datasheet HTML 5Page - Texas Instruments TL431MFKB Datasheet HTML 6Page - Texas Instruments TL431MFKB Datasheet HTML 7Page - Texas Instruments TL431MFKB Datasheet HTML 8Page - Texas Instruments TL431MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operation From −40°C to 125°C
D Reference Voltage Tolerance at 25°C
− 0.5% ...B Grade
− 1% ...A Grade
− 2% . . . Standard Grade
D Typical Temperature Drift (TL431B)
− 6 mV (C Temp)
− 14 mV (I Temp, Q Temp)
D Low Output Noise
D 0.2-Ω Typical Output Impedance
D Sink-Current Capability ...1 mA to 100 mA
D Adjustable Output Voltage ...Vref to 36 V
1
2
3
4
8
7
6
5
CATHODE
ANODE
ANODE
NC
REF
ANODE
ANODE
NC
TL431, TL431A, TL431B ...D (SOIC) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
TL431, TL431A, TL431B ...P (PDIP), PS (SOP),
OR PW (TSSOP) PACKAGE
(TOP VIEW)
NC − No internal connection
TL431, TL431A, TL431B . . . DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
†
CATHODE
ANODE
REF
TL431, TL431A, TL431B ...PK (SOT-89) PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE
† Pin 2 is attached to Substrate and must be
connected to ANODE or left open.
NC − No internal connection
TL432, TL432A, TL432B . . . DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
ANODE
NC
REF
CATHODE
NC − No internal connection
TL431, TL431A, TL431B . . . DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
TL432, TL432A, TL432B . . . DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
REF
CATHODE
ANODE
1
2
3
CATHODE
REF
ANODE
TL432, TL432A, TL432B . . . PK (SOT-89) PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL431MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431MFKB TI-TL431MFKB Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431MFKB TI-TL431MFKB Datasheet
1Mb / 75P
PRECISION PROGRAMMABLE REFERENCE
TL431MFKB TI-TL431MFKB Datasheet
1Mb / 75P
PRECISION PROGRAMMABLE REFERENCE
TL431MFKB TI-TL431MFKB Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
TL431MFKB TI-TL431MFKB Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL431MFKB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com