Electronic Components Datasheet Search
  English  ▼

X  

TL431MFKB Datasheet(PDF) 28 Page - Texas Instruments

Part # TL431MFKB
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431MFKB Datasheet(HTML) 28 Page - Texas Instruments

Back Button TL431MFKB Datasheet HTML 24Page - Texas Instruments TL431MFKB Datasheet HTML 25Page - Texas Instruments TL431MFKB Datasheet HTML 26Page - Texas Instruments TL431MFKB Datasheet HTML 27Page - Texas Instruments TL431MFKB Datasheet HTML 28Page - Texas Instruments TL431MFKB Datasheet HTML 29Page - Texas Instruments TL431MFKB Datasheet HTML 30Page - Texas Instruments TL431MFKB Datasheet HTML 31Page - Texas Instruments TL431MFKB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TL431
VI(BATT)
R3
(see Note A)
R1A
R4
(see Note A)
R2B
R2A
NOTE A: R3 and R4 are selected to provide the desired LED intensity and cathode current
≥1 mA to the TL431 at the available VI(BATT).
R1B
Low Limit
+ 1 ) R1B
R2B
V
ref
High Limit
+ 1 ) R1A
R2A
V
ref
LED on When Low Limit < VI(BATT) < High Limit
Figure 26. Voltage Monitor
TL431
650
Ω
2 k
Ω
C
On
Off
R
12 V
Delay
+ R
C
In
12 V
12 V
* V
ref
Figure 27. Delay Timer
TL431
IO
RCL
0.1%
R1
VI(BATT)
I
out +
V
ref
R
CL
) I
KA
R1
+
V
I(BATT)
I
O
h
FE
) I
KA
Figure 28. Precision Current Limiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com