Electronic Components Datasheet Search
  English  ▼

X  

AD45335 Datasheet(PDF) 5 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 5 Page - Analog Devices

  AD45335 Datasheet HTML 1Page - Analog Devices AD45335 Datasheet HTML 2Page - Analog Devices AD45335 Datasheet HTML 3Page - Analog Devices AD45335 Datasheet HTML 4Page - Analog Devices AD45335 Datasheet HTML 5Page - Analog Devices AD45335 Datasheet HTML 6Page - Analog Devices AD45335 Datasheet HTML 7Page - Analog Devices AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD45335
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 16
TIMING CHARACTERISTICS
VPP = 55 V to 225 V; 4.75 ≤ V+ ≤ 5.25 V; 4.75 V ≤ AVCC ≤ 5.25 V; 2.7 V ≤ DVCC ≤ 5.25 V; PGND = AGND = DGND = DAC_GND = 0 V;
AVCC and V+ must exceed REF_IN by 1.15 V minimum; 1 V ≤ REF_IN ≤ 4.096 V; –10°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 2. Timing Characteristics
Parameter1, 2, 3
Max
Min
Unit
Test Conditions/Comments
fUPDATE
1.2
MHz
Channel update rate
fCLKIN
30
MHz
SCLK frequency
t1
13
ns
SCLK high pulse width
t2
13
ns
SCLK low pulse width
t3
15
ns
SYNC falling edge to SCLK falling edge setup time
t4
50
ns
SYNC low time
t5
10
ns
SYNC high time
t6
10
ns
DIN setup time
t7
5
ns
DIN hold time
t8
200
ns
19th SCLK falling edge to SYNC falling edge for next write
t9
20
ns
RESET pulse width
1 See Figure 2.
2 Guaranteed by design and characterization, not production tested.
3 All input signals are specified with tr = tf = 5 ns (10% to 90% of DVCC) and timed from a voltage level of (VIL + VIH)/2.
Figure 2. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com