Electronic Components Datasheet Search
  English  ▼

X  

AD45335 Datasheet(PDF) 15 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices AD45335 Datasheet HTML 10Page - Analog Devices AD45335 Datasheet HTML 11Page - Analog Devices AD45335 Datasheet HTML 12Page - Analog Devices AD45335 Datasheet HTML 13Page - Analog Devices AD45335 Datasheet HTML 14Page - Analog Devices AD45335 Datasheet HTML 15Page - Analog Devices AD45335 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
AD45335
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 16
POWER SUPPLY DECOUPLING
RECOMMENDATIONS
On the AD45335, it is recommended to tie all grounds together as
close to the device as possible. If the number of supplies must be
reduced, bring all supplies back separately and make a provision
on the PCB through a link option to drive the AVCC and V+ pins from
the same supply. Decouple all power supplies adequately with 10
µF tantalum capacitors and 0.1 µF ceramic capacitors.
GUIDELINES FOR PCB LAYOUT
Design PCBs such that the analog and digital sections are separat-
ed and confined to the designated analog and digital sections of
the board. This facilitates the use of ground planes that can be
separated easily. A minimum etch technique is generally the best
for ground planes because it optimizes shielding of sensitive signal
lines. Join digital and analog ground planes in one place only, at
the AGND and DGND pins of the high resolution converter. To
isolate the high frequency bus of the processor from the bus of
the high resolution converters, buffer or latch data and address
buses on the board. These act as a Faraday shield and increase
the signal-to-noise performance of the converters by reducing the
amount of high frequency digital coupling. Avoid running digital lines
under the device because they couple noise onto the die. Allow the
ground plane to run under the IC to avoid noise coupling.
Use as large a trace as possible for the supply lines of the device
to provide low impedance paths and reduce the effects of glitches
on the power supply line. Shield components, such as clocks with
fast-switching signals, with digital ground to avoid radiating noise to
other sections of the board. Never run clock signals near the analog
inputs of the device. Avoid crossovers of digital and analog signals.
Keep traces for analog inputs as wide and short as possible and
shield with analog ground if possible. Run traces on opposite sides
of the 2-layer PCB at right angles to each other to reduce the
effects of feedthrough through the board.
A microstrip technique is by far the best, but it is not always
possible to use with a double-sided board. In this technique,
the component side of the board is dedicated to ground planes,
and signals are placed on the solder side. Multilayer PCBs with
dedicated ground, power, and tracking layers offer the optimum
solution in terms of obtaining analog performance, but at increased
manufacturing costs.
Good decoupling is vitally important when using high resolution
converters. Decouple all analog supplies with 10 µF tantalum ca-
pacitors in parallel with 0.1 µF ceramic capacitors to analog ground.
To achieve the best results from the decoupling components, place
them as close to the device as possible, ideally right up against the
IC or the IC socket. The main aim of a bypassing element is to
maximize the charge stored in the bypass loop while simultaneous-
ly minimizing the inductance of this loop. Inductance in the loop
acts as an impedance to high frequency transients and results in
power supply spiking. By keeping the decoupling as close to the
device as possible, the loop area is kept as small as possible,
thereby reducing the possibility of power supply spikes. Decouple
digital supplies of high resolution converters with 10 µF tantalum
capacitors and 0.1 µF ceramic capacitors to the digital ground
plane. Decouple the V+ supply with a 10 µF tantalum capacitor and
a 0.1 µF ceramic capacitor to AGND.
Decouple all logic chips with 0.1 µF ceramic capacitors to digital
ground to decouple high frequency effects associated with digital
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com