Electronic Components Datasheet Search
  English  ▼

X  

SR103AM Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # SR103AM
Description  Dual Channel Safety Monitoring Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SR103AM Datasheet(HTML) 1 Page - Omron Electronics LLC

  SR103AM Datasheet HTML 1Page - Omron Electronics LLC SR103AM Datasheet HTML 2Page - Omron Electronics LLC SR103AM Datasheet HTML 3Page - Omron Electronics LLC SR103AM Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H
A
H12
R
For the Latest Information
On the Internet: www.sti.com
E-mail: sales@sti.com
USA Tel. 1/888/510-4357
Canada Tel. 1/800/221-7060
UK Tel. +44 (0) 1395-273-209
Europe Tel. +49 (0) 5258-938-776
Japan Tel. +81-466-22-1132
China Tel. +86-21-5836-7708
Singapore Tel. +65-648-44-001
Go to the Engineering Guide
For in-depth information on
safety standards and use.
SR103AM
SR103AM
Dual Channel Safety Monitoring Relay
SR103AM
I
Power requirements—the
SR103AM will accept
24 VAC/DC, 115 VAC, or
230 VAC
I
Inputs—the SR103AM will
accept single or dual N/C inputs
or dual inputs from a light
curtain (see SR102AM for
application wiring for a light
curtain)
I
Outputs—the SR103AM has
3 N/O outputs to route power to
the coils of power contactors,
plus 1 N/C auxiliary output for
signaling purposes
I
External Device Monitoring
(EDM) is provided with a N/C
loop between S11/S12 and S21
on the SR103AM
Conforms to EN60204-1, EN954-1, VDE 0113-1
UL and C-UL listed, BG approved
R
C
US
I
Monitored manual or auto-
matic/manual reset modes are
available on the SR103AM.
Monitored manual reset re-
quires closure of the reset
circuit followed by opening of
the circuit. Reset occurs when
circuit is opened. Auto reset
requires only closure of the
reset circuit as reset occurs
when circuit is closed.


Similar Part No. - SR103AM

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR103 MOSPEC-SR103 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Jinan Gude Electronic D...
SR103 JGD-SR103 Datasheet
143Kb / 2P
1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR103 DIODES-SR103 Datasheet
149Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
logo
Taiwan Semiconductor Co...
SR103 TSC-SR103 Datasheet
64Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR103 TSC-SR103 Datasheet
250Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
More results

Similar Description - SR103AM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SR107AD01 OMRON-SR107AD01 Datasheet
310Kb / 4P
Dual Channel Safety Monitoring Relay
logo
PHOENIX CONTACT
PSR-MC20 PHOENIX-PSR-MC20 Datasheet
414Kb / 17P
Safety relay for emergency stop and safety door monitoring
PSR-MS20 PHOENIX-PSR-MS20 Datasheet
377Kb / 16P
Safety relay for emergency stop and safety door monitoring
PSR-MS40 PHOENIX-PSR-MS40 Datasheet
368Kb / 20P
Safety relay for emergency stop and safety door monitoring
102759 PHOENIX-102759 Datasheet
287Kb / 6P
Safety Relay With Downtime Monitoring
105315 PHOENIX-105315 Datasheet
167Kb / 8P
Safety relay for emergency stop and safety door monitoring
105317 PHOENIX-105317 Datasheet
166Kb / 8P
Safety relay for emergency stop and safety door monitoring
106167 PHOENIX-106167 Datasheet
377Kb / 16P
Safety relay for emergency stop and safety door monitoring
106172 PHOENIX-106172 Datasheet
414Kb / 17P
Safety relay for emergency stop and safety door monitoring
2981020 PHOENIX-2981020 Datasheet
168Kb / 8P
Safety relay for emergency stop and safety door monitoring
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com