Electronic Components Datasheet Search
  English  ▼

X  

SR103AM Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # SR103AM
Description  Dual Channel Safety Monitoring Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SR103AM Datasheet(HTML) 4 Page - Omron Electronics LLC

  SR103AM Datasheet HTML 1Page - Omron Electronics LLC SR103AM Datasheet HTML 2Page - Omron Electronics LLC SR103AM Datasheet HTML 3Page - Omron Electronics LLC SR103AM Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
H
H15
R
USA Tel. 1/888/510-4357
Canada Tel. 1/800/221-7060
For the Latest Information
On the Internet: www.sti.com
E-mail: sales@sti.com
UK Tel. +44 (0) 1395-273-209
Europe Tel. +49 (0) 5258-938-776
Japan Tel. +81-466-22-1132
China Tel. +86-21-5836-7708
Singapore Tel. +65-648-44-001
I
Ordering
Model
Supply
Inputs
Outputs
Auxiliary
Part No.
SR103AM01
24 VAC/DC
2 N/C
3 N/O
1 N/C
44510-1031
SR103AM02
115 VAC
2 N/C
3 N/O
1 N/C
44510-1032
SR103AM03
230 VAC*
2 N/C
3 N/O
1 N/C
44510-1033
*230 VAC units are available on special order. Minimum quantities may apply.
SR103AM
I
Specifications
Electrical
All Models
SR103AM01
SR103AM02
SR103AM03
Power Supply:
±10%, 50-60 Hz
24 VAC/DC
115 VAC
230 VAC
Power Consumption:
Approx. 1 VA
Safety Inputs:
1 N/C or 2 N/C or 2 solid state (light curtain)
Max Input Resistance:
800 Ohms per channel
Outputs:
3 N/O + 1 N/C auxiliary
Output Rating AC:
Inductive AC-15, 3 A/230 VAC
Output Rating DC:
Inductive DC-13, 2 A/24 V
Min Switched Current/Voltage:
10 mA/10 V
Impulse Withstand Voltage:
2500 V
Max Drop-Out Time:
12 ms (75 ms by removing supply voltage)
Max Output Fuse:
6 A quick-acting or 4 A slow-acting
Reset Mode:
Monitored manual (S11-S21) or automatic/manual (S12-S21)
Contactor Monitoring:
N/C loop S11/S12-S21
Mechanical
Mounting:
35 mm (1.38 in.) DIN rail
Case Material:
Fiber-filled Polyamide PA6.6
Max Wire Size:
1 x 2.5 mm2 (14 AWG) stranded
Weight:
230 g (8.1 oz.)
Color:
Red
External Switches:
None
Indication:
Green = K1 Closed, Green = K2 Closed
Mechanical Life:
1 x 107 operations
Environmental
Enclosure Protection:
IP20 terminals, IP40 (NEMA 1) housing
Operating Temperature:
24 VAC/DC: -15 to 40
°C (5 to 104°F)
115/230 VAC: -15 to 40
°C (5 to 104°F)
Humidity:
93% RH at 104
°C (219°F)
Compliance
Standards:
EN 60204-1, EN 954-1, VDE 0113-1
Approvals/Listings:
CE marked for all applicable directives, BG, UL and C-UL
Safety Category:
Cat. 4 per EN954-1 (SR103 internal operation)
Specifications are subject to change without notice.
Note: The safety contacts of the STI switches are described as normally closed (N/C)—i.e., with the guard closed, actuator in place, and the machine
able to be started.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com