Electronic Components Datasheet Search
  English  ▼

X  

SR103AM Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # SR103AM
Description  Dual Channel Safety Monitoring Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SR103AM Datasheet(HTML) 2 Page - Omron Electronics LLC

  SR103AM Datasheet HTML 1Page - Omron Electronics LLC SR103AM Datasheet HTML 2Page - Omron Electronics LLC SR103AM Datasheet HTML 3Page - Omron Electronics LLC SR103AM Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H
H13
R
USA Tel. 1/888/510-4357
Canada Tel. 1/800/221-7060
For the Latest Information
On the Internet: www.sti.com
E-mail: sales@sti.com
UK Tel. +44 (0) 1395-273-209
Europe Tel. +49 (0) 5258-938-776
Japan Tel. +81-466-22-1132
China Tel. +86-21-5836-7708
Singapore Tel. +65-648-44-001
SR103AM
I
Application
S21
S12
41
42
AUXILIARY
SIGNALING
N/C
EDM AND
RESET
A1
A2
SUPPLY
13
14
S13
S10
INPUT #1
N/C
23
24
SAFETY
OUTPUT 2
N/O
SAFETY
OUTPUT 1
N/O
S11
S12
INPUT #2
N/C
33
34
SAFETY
OUTPUT 3
N/O
Output Contact
Arrangements
Terminal Connections
Terminal Pin Assignments
A1
S11
S14
S21
13
23
14
24
S10
A2
S12
S13
34
42
33
41
✎ SeetheSR102AMfor
wiring to a light curtain
24VAC/DC, 110VAC, 230VAC
11
21
33
12
22
34
T5009
INTERLOCK
SWITCH
K1 (AUX)
K2 (AUX)
START
MOMENTARY
PUSH
BUTTON
STOP
MOMENTARY
PUSH
BUTTON
FUSE
K1
K2
M
K1
K2
L1
L2 L3
CONTACT
PROTECTION
E.G. THERMAL
CUT OUT
RESET
MOMENTARY
PUSH
BUTTON
EB SERIES
LATCHING
E-STOP
BUTTON
Relay control and
fault monitoring
Power supply
(S11 = 24 V)
K2
K1
A2
A1
S11
S21
13
23
14
24
+
+
SR103AM
S10
S13
S12
S14
FUSE
33
34
41
42
GUARD
CLOSED
✎ Forafullexplanationofthecircuitoperatingprincipleandfaultdetection,
see “Common Circuit Examples” in the Engineering Section of this catalog.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com