Electronic Components Datasheet Search
  English  ▼

X  

LM1117S Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117S
Description  1A L.D.O. VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117S Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1117S Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1A L.D.O. VOLTAGE REGULATOR
LM1117S/RS/F
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
TYPICAL APPLICATION
FIXED OUTPUT VOLTAGE
Jan. 2007 - Rev 1.0
HTC
SYMBOL
RθJA
PARAMETER
Thermal Resistance Junction-Ambient
℃
Operating Junction Temperature Range
TOPR
-40
125
℃
Storage Temperature Range
TSTG
-65
150
V
Lead Temperature (Soldering, 5 Seconds)
TSOL
260
℃
DC Input Voltage
VIN
15
SYMBOL
MIN.
MAX.
2
TO-252
SOT-89
℃/W
SOT-223
UNIT
CHARACTERISTIC
UNIT
130
93
315
VIN
LM1117S/RS/F
10㎌
Tantalum
10㎌
Tantalum



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com