Electronic Components Datasheet Search
  English  ▼

X  

LM1117S Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117S
Description  1A L.D.O. VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117S Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM1117S Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1A L.D.O. VOLTAGE REGULATOR
LM1117S/RS/F
ELECTRICAL CHARACTERISTICS FOR LM1117S/RS/F-ADJ(ADJUSTABLE)
(Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified)
Reference Voltage
IO = 10mA to 1A, VIN- VO = 1.5 to 13.75V
Reference Voltage(TJ=0~125℃)
IO = 10mA to 1A, VIN- VO = 1.5 to 13.75V
Line Regulation
IO = 10mA , VIN- VO = 1.5 to 13.75V
Load Regulation
IO = 10mA to 1A, VIN- VO = 2 V
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
Adjustment Pin Current
VIN - VO = 1.5 to 12V IO = 100㎃
Adjustment Pin Current
Change
Minimum Load Current
VIN - VO = 12V
Current Limit
VIN - VO = 5V
Output Noise (%VO)
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN - VO = 3V, VNIPPLE = 1VPP
IO = 100㎃
IO = 500㎃
IO = 1A
Thermal Regulation
TA = 25℃ 30㎳ Pulse
ELECTRICAL CHARACTERISTICS FOR LM1117S/RS/F-1.2V
(Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified)
Output Voltage
VIN = 3.2 IO = 0㎃ to 1A
Output Voltage
VIN=2.5 to 12V, IO=0㎃ to 1A (Tj = 0~125℃)
Line Regulation
IO = 10mA , VIN- VO = 1.5 to 13.75V
Load Regulation
IO = 10mA to 1A, VIN- VO = 2 V
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
Quiescent Current
VIN -Vo = 5V
Current Limit
VIN - VO = 5V
Output Noise (%VO)
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN - VO = 3V, VNIPPLE = 1VPP
IO = 100㎃
IO = 500㎃
IO = 1A
Thermal Regulation
TA = 25℃ 30㎳ Pulse
Jan. 2007 - Rev 1.0
HTC
%/W
1.3
V
㏈
1.1
V
3
0.003
1.2
V
Dropout Voltage
VD
1.0
1.1
1.2
Supply Voltage Rejection
SVR
60
75
IO
1000
1250
EN
㎃
V
VIN
ID
510
%
ΔVO
0.3
%
ΔVO
0.1
0.2
15
1.248
V
%
ΔVO
0.2
0.4
%
ΔVO
%
PARAMETER
TEST CONDITION
VO
1.176
1.224
V
VO
1.152
SYMBOL
MIN.
TYP.
1.20
MAX.
UNIT
V
MIN.
TYP.
MAX.
UNIT
1.238
1.25
1.262
PARAMETER
SYMBOL
VREF
TEST CONDITION
V
ΔVO
0.1
0.2
%
VREF
1.219
1.281
%
ΔVO
0.5
%
ΔVO
0.2
0.4
%
VIN
15
V
ΔVO
0.3
EN
0.003
Dropout Voltage
1.1
1.2
1.2
1.0
1.1
㎃
V
%
IO
1000
1250
1600
V
VD
50
5
510
IO(MIN)
IADJ
120
V
1.3
㎂
㎂
㎃
%/W
0.003
㏈
Supply Voltage Rejection
SVR
75
60
ΔIADJ
VIN - VO = 1.5 to 12V, IO = 10mA to 1A
0.5
0.5
1600
㎃
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com