Electronic Components Datasheet Search
  English  ▼

X  

LM1117S Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117S
Description  1A L.D.O. VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117S Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM1117S Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117S Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1A L.D.O. VOLTAGE REGULATOR
LM1117S/RS/F
ELECTRICAL CHARACTERISTICS FOR LM1117 S/RS/F-2.5
(Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified)
Output Voltage
VIN = 4.0 to 12V, IO = 0㎃ to 1A
Output Voltage
VIN=4.0 to 12V, IO=0㎃ to 1A (Tj = 0~125℃)
Line Regulation
VIN = 4.0 to 12V, IO = 10㎃
Load Regulation
VIN = 4.5V, IO = 0 to 1A
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
IO = 100㎃
Quiescent Current
VIN -Vo = 5V
Current Limit
VIN -Vo = 5V
Output Noise Voltage
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN = 5.5V, VNIPPLE = 1VPP
IO = 100㎃
IO = 500㎃
IO = 1A
Thermal Regulation
TA = 25℃ 30㎳ Pulse
ELECTRICAL CHARACTERISTICS FOR LM1117 S/RS/F-2.85
(Refer to the test circuits, TJ=25℃ CO=10㎌ unless otherwise specified)
Output Voltage
VIN = 4.4 to 12V, IO = 0㎃ to 1A
Output Voltage
VIN=4.4 to 12V, IO=0㎃ to 1A (Tj = 0~125℃)
Line Regulation
VIN = 4.4 to 12V, IO = 10㎃
Load Regulation
VIN = 4.85V, IO = 0 to 1A
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
IO = 100㎃
Quiescent Current
VIN -Vo = 5V
Current Limit
VIN -Vo = 5V
Output Noise Voltage
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN = 5.85V, VNIPPLE = 1VPP
IO = 100㎃
IO = 500㎃
IO = 1A
Thermal Regulation
TA = 25℃ 30㎳ Pulse
Jan. 2007 - Rev 1.0
HTC
5
VO
2.475
ΔVO
ID
VO
VO
2.450
2.5
2.525
V
UNIT
MAX.
TYP.
0.1
0.2
V
2.550
PARAMETER
SYMBOL
TEST CONDITION
MIN.
0.2
%
%
%
0.4
0.1
0.2
ΔVO
0.5
ΔVO
2.85
%
VIN
12
V
ΔVO
0.3
510
㎃
TYP.
MAX.
UNIT
V
1.1
PARAMETER
SYMBOL
TEST CONDITION
MIN.
100
V
㎃
2.878
㎶
㏈
V
1.2
IO
1000
1250
1600
Supply Voltage Rejection
SVR
60
75
EN
Dropout Voltage
VD
1.0
1.2
1.1
0.4
1.3
V
%/W
%
2.907
V
0.01
0.1
VO
%
ΔVO
0.5
%
ΔVO
ΔVO
%
V
㎃
2.821
2.793
12
0.2
ΔVO
0.3
IO
1000
1250
1600
VIN
㎃
ID
510
㎶
Supply Voltage Rejection
SVR
60
75
㏈
EN
100
Dropout Voltage
VD
1.0
1.2
1.1
V
1.1
1.2
V
1.3
V
0.003
%/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com