Electronic Components Datasheet Search
  English  ▼

X  

AH182 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH182
Description  LOW POWER HALL EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH182 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH182 Datasheet HTML 1Page - Diodes Incorporated AH182 Datasheet HTML 2Page - Diodes Incorporated AH182 Datasheet HTML 3Page - Diodes Incorporated AH182 Datasheet HTML 4Page - Diodes Incorporated AH182 Datasheet HTML 5Page - Diodes Incorporated AH182 Datasheet HTML 6Page - Diodes Incorporated AH182 Datasheet HTML 7Page - Diodes Incorporated AH182 Datasheet HTML 8Page - Diodes Incorporated AH182 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
1 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
•
Micropower operation
•
2.5V to 5.5V battery operation
•
Offset Canceling Technology
•
Superior temperature stability
•
Extremely Low Switch-Point Drift
•
Insensitive to Physical Stress
•
-40
°C to 85°C operating temperature
•
SIP-3L/SC59 package
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
AH182/AH183 is a three-terminal Hall effect sensor device with
an output driver, mainly designed for battery–operation,
hand-held equipment (such as cellular and cordless phones, and
PDA’s) The total operation power is down to 15uW in the 2.75V
supply.
The south pole of sufficient strength will turn the output on in
SIP-3L but the north pole of sufficient strength will turn the output
on in SC59 package. The output will be turned off under no
magnetic field.
While the magnetic flux density (B) is larger than operation point
(Bop), the output will be turned on (low), the output is held until B
is lower than the release point (Brp), then turned off. The
difference between AH182 and AH183 is that the former
consumes less power than that of the latter in the Hall sensor
operation.
•
Cover detector
•
Speed measurement
•
Home safety
AH182/AH183 X - X X X
Packing
P: SIP-3L
W: SC59
Package
Lead
L : Lead Free
Wafer Body
Blank or
A~Z : if necessary
to specify
CMOS Hall-
effect Switch
Spread-leg ammo pack for SIP-3L;
Blank : Bulk
A
:
Tape & Reel for SOT23-3L
(Note 2)
Note:
1.
RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
2.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Pin Descriptions
Applications
Name
P/I/O
Pin #
Description
Vdd
P/I
1
Power Supply Input
GND
P
2
Ground
Output
O
3
Output Pin
Ordering Information


Similar Part No. - AH182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1822-FT4G-7 DIODES-AH1822-FT4G-7 Datasheet
230Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1822-FU4G-7 DIODES-AH1822-FU4G-7 Datasheet
230Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
More results

Similar Description - AH182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com