Electronic Components Datasheet Search
  English  ▼

X  

AH182 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH182
Description  LOW POWER HALL EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH182 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH182 Datasheet HTML 1Page - Diodes Incorporated AH182 Datasheet HTML 2Page - Diodes Incorporated AH182 Datasheet HTML 3Page - Diodes Incorporated AH182 Datasheet HTML 4Page - Diodes Incorporated AH182 Datasheet HTML 5Page - Diodes Incorporated AH182 Datasheet HTML 6Page - Diodes Incorporated AH182 Datasheet HTML 7Page - Diodes Incorporated AH182 Datasheet HTML 8Page - Diodes Incorporated AH182 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
3 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
AH182/
AH183
2.5~5.5V
Digital
Output
Output
Gnd
RL
Vdd
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Values
Unit
Supply Voltage
Vdd
7
V
Magnetic Flux Density
B
Unlimited
Operating Temperature Range
Ta
-40 to +85
°C
Storage Temperature Range
Ts
-65 to +150
°C
SIP-3L
550
mW
Package Power Dissipation
PD
SC59
230
mW
Maximum Junction Temp
Tjc
150
°C
Output current
Io
10
mA
Recommended Operating Conditions ( Ta = 25°C )
Paramter
Symbol
Conditions
Rating
Unit
Supply Voltage
Vdd
Operating
2.5~5.5
V
Typical Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com