Electronic Components Datasheet Search
  English  ▼

X  

AH182 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH182
Description  LOW POWER HALL EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH182 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH182 Datasheet HTML 1Page - Diodes Incorporated AH182 Datasheet HTML 2Page - Diodes Incorporated AH182 Datasheet HTML 3Page - Diodes Incorporated AH182 Datasheet HTML 4Page - Diodes Incorporated AH182 Datasheet HTML 5Page - Diodes Incorporated AH182 Datasheet HTML 6Page - Diodes Incorporated AH182 Datasheet HTML 7Page - Diodes Incorporated AH182 Datasheet HTML 8Page - Diodes Incorporated AH182 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
4 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( Ta = +25°C, Vdd = 3V )
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Output On Voltage
Vout
Iout = 1mA
-
0.1
0.3
V
Output Leakage Current
Ioff
Vout = 5.5V, B < Brp
-
<
0.1
1
µA
Idd(en)
Chip enable
-
-
2.0
mA
Idd(dis)
Chip disable
-
-
8.0
uA
Idd(avg)
AH182: average supply current
-
5
10
uA
Supply Current
Idd(avg)
AH183: average supply current
-
280
500
uA
Awake Time
Tawake
-
50
100
µs
AH182
-
50
100
ms
Period
Tperiod
AH183
-
200
400
us
AH182
-
0.1
-
%
Duty Cycle
D.C.
AH183
-
25
-
%
Test Circuit
1
3
2
182/183
3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com