Electronic Components Datasheet Search
  English  ▼

X  

AP78L12 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP78L12
Description  12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP78L12 Datasheet HTML 1Page - Diodes Incorporated AP78L12 Datasheet HTML 2Page - Diodes Incorporated AP78L12 Datasheet HTML 3Page - Diodes Incorporated AP78L12 Datasheet HTML 4Page - Diodes Incorporated AP78L12 Datasheet HTML 5Page - Diodes Incorporated AP78L12 Datasheet HTML 6Page - Diodes Incorporated AP78L12 Datasheet HTML 7Page - Diodes Incorporated AP78L12 Datasheet HTML 8Page - Diodes Incorporated AP78L12 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP78L12
12.0V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
5 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
0
50
100
150
200
250
300
14
18
22
26
30
INPUT-OUTPUT DIFFERENTIAL(V)
TA=25℃
TA=125℃
TA=-25℃
Peak Output Current
△ VOUT=100mV
Quiescent Current
2.930
2.935
2.940
2.945
2.950
2.955
2.960
10
15
20
25
30
INPUT VOLTAGE(V)
VOUT=12V
IOUT=40mA
TA=25℃
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE(℃)
Quiescent Current
VIN=19V
VOUT=12V
IOUT=40mA
DROPOUT VOLTAGE
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
-25
0
25
50
75
100 125
JUNCTION TEM PERATURE(
℃)
IOUT=1mA
IOUT=70mA
IOUT=40mA
Droput Conditions
△VOUT=2% of VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com