Electronic Components Datasheet Search
  English  ▼

X  

AP78L12 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP78L12
Description  12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP78L12 Datasheet HTML 1Page - Diodes Incorporated AP78L12 Datasheet HTML 2Page - Diodes Incorporated AP78L12 Datasheet HTML 3Page - Diodes Incorporated AP78L12 Datasheet HTML 4Page - Diodes Incorporated AP78L12 Datasheet HTML 5Page - Diodes Incorporated AP78L12 Datasheet HTML 6Page - Diodes Incorporated AP78L12 Datasheet HTML 7Page - Diodes Incorporated AP78L12 Datasheet HTML 8Page - Diodes Incorporated AP78L12 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP78L12
12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
1 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
12.0V output voltage with tolerances of
±5% over the
temperature range
•
Output current in excess of 100mA
•
Internal thermal overload protection
•
Output transistor safe area protection
•
Internal short circuit current limiting
•
No external components
•
Available in plastic TO92-3L and plastic SOP-8L low
profile packages
•
Lead-free Package: TO92-3L (Note 1)
•
SOP-8L: Available in “Green” Molding Compound
(No Br, Sb) (Note 2)
•
Lead Free Finish / RoHS Compliant (Note 3)
The AP78L12 of three terminal positive regulators is available
with fixed output voltages making them useful in a wide range of
applications. These regulators can provide local on card
regulation, eliminating the distribution problems associated with
single point regulation. The voltages available allow the AP78L12
to be used in logic system, instrumentation, HiFi, and other solid
state electronic equipment.
The AP78L12 is available in the plastic TO92-3L package, the
plastic SOP-8L package using industrial standard package
technology. With adequate heat sinking the regulator can deliver
100mA output current. Current limiting is included to limit the
peak output current to a safe value. Safe area protection for the
output transistors is provided to limit internal power dissipation. If
internal power dissipation becomes too high for the heat sinking
provided, the thermal shutdown circuit takes over preventing the
IC from overheating.
Well suited for a wide range of applications, such as:
•
Lighting Ballast
•
STB
•
Power supply
•
Audio Equipment
Ordering Information
Package
X X X
Packing
-A : Ammo Box
Lead Free
L : Lead Free (Note 1)
AP 78 L 12
V : TO92-3L
-13 : Taping
G : Green (Note 2)
S : SOP-8L
Note:
1. TO92-3L is available in “Lead Free” only.
2. SOP-8L is available in “Green” only.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Ammo Box / Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 4)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP78L12V
V
TO92-3L
2000/Box
-A
NA
NA
AP78L12S
S
SOP-8L
NA
NA
2500/Tape & Reel
-13
Note:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP78L12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78L12 DIODES-AP78L12 Datasheet
284Kb / 15P
AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
AP78L12 DIODES-AP78L12 Datasheet
305Kb / 16P
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Rev 10
AP78L12YG-13 DIODES-AP78L12YG-13 Datasheet
305Kb / 16P
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Rev 10
More results

Similar Description - AP78L12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Vishay Siliconix
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
3-Terminal Adjustable Output positive voltage Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
logo
KIA Semiconductor Techn...
78L12 KIA-78L12 Datasheet
53Kb / 3P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com