Electronic Components Datasheet Search
  English  ▼

X  

AP78L12 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP78L12
Description  12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP78L12 Datasheet HTML 1Page - Diodes Incorporated AP78L12 Datasheet HTML 2Page - Diodes Incorporated AP78L12 Datasheet HTML 3Page - Diodes Incorporated AP78L12 Datasheet HTML 4Page - Diodes Incorporated AP78L12 Datasheet HTML 5Page - Diodes Incorporated AP78L12 Datasheet HTML 6Page - Diodes Incorporated AP78L12 Datasheet HTML 7Page - Diodes Incorporated AP78L12 Datasheet HTML 8Page - Diodes Incorporated AP78L12 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP78L12
12.0V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
4 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(All Output Voltage Versions)
Limits in standard typeface are for TA=25
℃, Bold typeface applies over -20℃to 125℃ for SOP-8L and TO-92 Packages.
Unless otherwise specified: VIN=19V, IO=40mA, CI=0.33µF, CO=0.1µF.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
11.5
12
12.5
14.5V
≤VIN≤27V
1mA
≤IO≤40mA
11.4
12.6
VO
Output Voltage
1mA
≤IO≤70mA
11.4
12.6
V
14.5V
≤VIN≤27V
30
180
∆VO
Line Regulation
16V
≤VIN≤27V
20
110
mV
1mA
≤IO≤100mA
30
100
∆VO
Load Regulation
1mA
≤IO≤40mA
10
50
mV
IQ
Quiescent Current
3
5
16V
≤VIN≤27V
1
∆IQ
Quiescent Current Change
1mA
≤IO≤40mA
0.1
mA
Vn
Output Noise Voltage
80
µV
∆VIN/∆VOUT Ripple Rejection
f=120Hz
15V
≤VIN≤25V
40
54
dB
IPK
Peak Output Current
140
mA
∆VO/∆T
Average Output Voltage
Tempco
IO=5mA
-1.0
mV/
oC
VIN(Min)
Minimum Value of Input
Voltage Required to
Maintain Line Regulation
13.7
14.5
V
TO92-3L (Note 5)
176
θJA
Thermal Resistance
Junction to Ambient
SOP-8L (Note 6)
152
TO92-3L (Note 5)
33
θJC
Thermal Resistance
Junction to case
SOP-8L (Note 6)
7
oC/W
Note:
5. Test conditions for TO92-3L: No heat sink, no air flow.
6. Test conditions for SOP-8L, TO92-3L: Device mounted on 2 oz. copper, minimum recommended pad layout, FB-4 PCB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com