Electronic Components Datasheet Search
  English  ▼

X  

AP393 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP393 Datasheet HTML 1Page - Diodes Incorporated AP393 Datasheet HTML 2Page - Diodes Incorporated AP393 Datasheet HTML 3Page - Diodes Incorporated AP393 Datasheet HTML 4Page - Diodes Incorporated AP393 Datasheet HTML 5Page - Diodes Incorporated AP393 Datasheet HTML 6Page - Diodes Incorporated AP393 Datasheet HTML 7Page - Diodes Incorporated AP393 Datasheet HTML 8Page - Diodes Incorporated AP393 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393 Rev. 3
1 of 15
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
Wide supply
Voltage range: 2.0V to 36V
Single or dual supplies: ±1.0V to ±18V
•
Very low supply current drain (0.4mA) – independent of
supply voltage
•
Low input biasing current: 25nA
•
Low input offset current: ±5nA
•
Maximum offset voltage: ±3mV
•
Input common-mode voltage range includes ground
•
Differential input voltage range equal to the power
supply voltage
•
Low output saturation voltage: 250mV at 4mA
•
Output voltage compatible with TTL, DTL, ECL, MOS
and CMOS logic systems
•
SOP-8L, PDIP-8L package
•
SOP-8L: Available in “Green” Molding Compound (No
Br, Sb) (Note 1)
•
Lead Free Finish/RoHS Compliant for Lead Free and
“Green” Products (Note 2)
The AP393 consists of two independent precision voltage
comparators with an offset voltage specification as low as 2.0mV
max for two comparators which were designed specifically to
operate from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low
power supply current drain is independent of the magnitude of
the power supply voltage. These comparators also have a unique
characteristic in that the input common-mode voltage range
includes ground, even though operated from a single power
supply voltage.
Application areas include limit comparators, simple analog to
digital converters; pulse, squarewave and time delay generators;
wide range VCO; MOS clock timers; multivibrators and high
voltage digital logic gates. The AP393 is designed to directly
interface with TTL and CMOS. When operated from both plus
and minus power supplies, the AP393 will directly interface with
MOS logic where their low power drain is a distinct advantage
over standard comparators.
•
High precision comparators
•
Reduced VOS drift over temperature
•
Eliminates need for dual supplies
•
Allows sensing near ground
•
Compatible with all forms of logic
•
Power drain suitable for battery operation
Package
Packing
Lead Free
Blank : Standard
L : Lead Free
S :SOP - 8 L
N: PDIP -8L
G : Green
-U : Tube
-13 : Taping
A P 3 9 3 X X X
Note:
1. SOP-8L is “Green” product only.
2. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP393S
S
SOP-8L
100
- U
2500/Tape & Reel
-13
AP393N
N
PDIP-8L
60
- U
NA
NA
Note:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP393

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP393 ANACHIP-AP393 Datasheet
260Kb / 13P
Low Power Low Offset Voltage Dual Comparators
Rev. 1.0 Sep 7, 2004
logo
Diodes Incorporated
AP393 DIODES-AP393 Datasheet
189Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL
DS31006 Rev. 8 - 2
AP39303 DIODES-AP39303 Datasheet
1Mb / 16P
QUASI-RESONANT PWM SWITCHER
July 2022
AP39303S16-13 DIODES-AP39303S16-13 Datasheet
1Mb / 16P
QUASI-RESONANT PWM SWITCHER
July 2022
AP393A DIODES-AP393A Datasheet
302Kb / 15P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393A Rev. 7
More results

Similar Description - AP393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com