Electronic Components Datasheet Search
  English  ▼

X  

AP393 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP393 Datasheet HTML 1Page - Diodes Incorporated AP393 Datasheet HTML 2Page - Diodes Incorporated AP393 Datasheet HTML 3Page - Diodes Incorporated AP393 Datasheet HTML 4Page - Diodes Incorporated AP393 Datasheet HTML 5Page - Diodes Incorporated AP393 Datasheet HTML 6Page - Diodes Incorporated AP393 Datasheet HTML 7Page - Diodes Incorporated AP393 Datasheet HTML 8Page - Diodes Incorporated AP393 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393 Rev. 3
2 of 15
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Pin Assignments
SOP-8L
1
2
3
45
6
7
8
(Top View )
INVERTING INPUT 1
GND
AP393
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V+
INVERTING INPUT 2
NON-INVERTING INPUT 2
PDIP -8L
1
2
3
45
6
7
8
(Top View )
INVERTING INPUT 1
GND
AP393
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V+
INVERTING INPUT 2
NON-INVERTING INPUT 2
Pin Descriptions
Pin Name
Pin No.
Description
OUTPUT 1
1
Channel 1 Output
INVERTING INPUT 1
2
Channel 1 Negative Input
NON-INVERTING INPUT 1
3
Channel 1 Positive Input
GND
4
Ground
NON-INVERTING INPUT 2
5
Channel 2 Positive Input
INVERTING INPUT 2
6
Channel 2 Negative Input
OUTPUT 2
7
Channel 2 Output
V
+
8
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com