Electronic Components Datasheet Search
  English  ▼

X  

AP393 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP393 Datasheet HTML 6Page - Diodes Incorporated AP393 Datasheet HTML 7Page - Diodes Incorporated AP393 Datasheet HTML 8Page - Diodes Incorporated AP393 Datasheet HTML 9Page - Diodes Incorporated AP393 Datasheet HTML 10Page - Diodes Incorporated AP393 Datasheet HTML 11Page - Diodes Incorporated AP393 Datasheet HTML 12Page - Diodes Incorporated AP393 Datasheet HTML 13Page - Diodes Incorporated AP393 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393 Rev. 3
10 of 15
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Circuit
( Continued )
( VCC = 5.0VDC )
One-Shot Multivibrator with Input Lock Out
V+
+
-
V
O
100pF
100K
1M
t
0
t
1
0
V+
+
-
100K
1M
+V
IN
240K
62K
10M
15K
560K
10M
40µs
1µs
0
+4V
1/2 AP393
1/2 AP393
Time Delay Generator
3.0K
V+
V
O3
10M
0
+
-
3.0K
V
O2
+
-
3.0K
V
O1
+
-
+
-
t
0
t
1
t
2
t
3
t
4
V
1
V
2
V
3
V+
t
V
C1
V
1
V
2
V
3
51K
51K
51K
10K
10K
10K
200K
15K
10K
V
C1
C1
0.001µF
10M
10M
V+
V+
V+
t
0
t
4
+V
IN
10K
INPUT GATING SIGNAL
0
V+
t
0
t
1
0
V+
t
0
t
2
0
V+
t
0
t
3
1/2 AP393
1/2 AP393
1/2 AP393
1/2 AP393
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com