Electronic Components Datasheet Search
  English  ▼

X  

AP1115 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1115
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1115 Datasheet HTML 1Page - Diodes Incorporated AP1115 Datasheet HTML 2Page - Diodes Incorporated AP1115 Datasheet HTML 3Page - Diodes Incorporated AP1115 Datasheet HTML 4Page - Diodes Incorporated AP1115 Datasheet HTML 5Page - Diodes Incorporated AP1115 Datasheet HTML 6Page - Diodes Incorporated AP1115 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP1115
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1115 Rev. 1
5 of 7
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Continued) (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f = 120Hz,COUT = 25uF Tantalum, IOUT = 0.6A
Ripple Rejection
AP1115-XXX
VIN = VOUT+3V
-
60
70
dB
Temperature Stability
IO = 10mA
-
0.6
-
%
JA
θ
Thermal Resistance Junction-to-Ambient
(No heat sink; No air flow)
SOT89-3L
-
300
-
oC/W
JC
θ
SOT89-3L: Control Circuitry/Power Transistor
Thermal Resistance Junction-to-Case
-
100
-
oC/W
1
3
2
Date Code
Month: A~L
Year: 0~9
Identification Code
L: Lead Free Package
XX
XX X
SOT89-3L
Identification Code
Part Number
Output
version
AP1115A
AP1115B
ADJ
JO
JU
1.5V
JP
JV
1.8V
JQ
JW
2.5V
JR
JX
2.8V
JC
JD
3.0V
JM
JN
3.3V
JS
JY
3.5V
JK
JL
5.0V
JT
JZ
Marking Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com